Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

855954 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 855954
Description  380 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855954 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  855954 Datasheet HTML 1Page - TriQuint Semiconductor 855954 Datasheet HTML 2Page - TriQuint Semiconductor 855954 Datasheet HTML 3Page - TriQuint Semiconductor 855954 Datasheet HTML 4Page - TriQuint Semiconductor 855954 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Preliminary Data Sheet
Part Number 855954
380 MHz SAW Filter
Subject to change or obsolescence without notice
Rev -
31-Oct-2001
Page 5 of 5
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-30
+70
oC
Storage Temperature Range
Tstg
-40
+85
oC
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
S-Parameters
Other Technical Information
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: custservice@sawtek.com
Web: www.sawtek.com
Or contact one of our worldwide
network of sales offices,
representatives or distributors


Similar Part No. - 855954

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855954 TRIQUINT-855954_15 Datasheet
490Kb / 5P
   380 MHz SAW Filter
More results

Similar Description - 855954

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855530 TRIQUINT-855530_15 Datasheet
555Kb / 5P
   380 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0166A TAI-SAW-TB0166A Datasheet
335Kb / 5P
   SAW Filter 380 MHz
TB0165A TAI-SAW-TB0165A Datasheet
324Kb / 5P
   SAW Filter 380 MHz
logo
RF Monolithics, Inc
SF1125A RFM-SF1125A Datasheet
193Kb / 6P
   380 MHz SAW Filter
logo
TriQuint Semiconductor
855954 TRIQUINT-855954_15 Datasheet
490Kb / 5P
   380 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0198A TAI-SAW-TB0198A Datasheet
638Kb / 5P
   IF SAW Filter 380 MHz
logo
Golledge Electronics Lt...
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
   IF SAW Filter 380 MHz
MA05380 GOLLEDGE-MA05380 Datasheet
176Kb / 4P
   380 MHz IF SAW Filter
logo
Spectrum Microwave, Inc...
SF0380BA02443S SPECTRUM-SF0380BA02443S Datasheet
159Kb / 3P
   380 MHz SAW Filter 3.7 MHz Bandwidth
logo
API Technologies Corp
SF0380BA02443S APITECH-SF0380BA02443S Datasheet
159Kb / 3P
   380 MHz SAW Filter 3.7 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com