Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

855399 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 855399
Description  350 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855399 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  855399 Datasheet HTML 1Page - TriQuint Semiconductor 855399 Datasheet HTML 2Page - TriQuint Semiconductor 855399 Datasheet HTML 3Page - TriQuint Semiconductor 855399 Datasheet HTML 4Page - TriQuint Semiconductor 855399 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 855399
350 MHz SAW Filter
Features
• For fixed wireless applications
• Usable bandwidth of 2.6 MHz
• High attenuation
• Single-ended or balanced operation
• Ceramic Surface Mount Package (SMP)
• Small size
Package
Pin Configuration
Surface Mount 13.30 x 6.50 x 1.75 mm
Bottom View
12
11
10
9
8
7
6
5
4
3
2
1
Pin No.
Description
5
Output
6
Output return
11
Input
12
Input return
1,2,3,4
Case ground
7,8,9,10
Case ground
1.75 NOM.
1.96 MAX.
0.76
0.79
1.17 x 3.76
1.50
2.54
6.50
2.18
2.54
13.3
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Subject to change or obsolescence without notice
Rev A
15-Jan-2003
Page 1 of 5


Similar Part No. - 855399

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855399 TRIQUINT-855399_15 Datasheet
626Kb / 5P
   350 MHz SAW Filter
More results

Similar Description - 855399

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856271 TRIQUINT-856271 Datasheet
589Kb / 5P
   350 MHz SAW Filter
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
   350 MHz SAW Filter
855399 TRIQUINT-855399_15 Datasheet
626Kb / 5P
   350 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0164A TAI-SAW-TB0164A Datasheet
316Kb / 5P
   SAW Filter 350 MHz
logo
RF Monolithics, Inc
SF1090A RFM-SF1090A Datasheet
171Kb / 6P
   350 MHz SAW Filter
logo
TriQuint Semiconductor
854565 TRIQUINT-854565_15 Datasheet
458Kb / 6P
   350 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1059A MURATA-SF1059A Datasheet
373Kb / 11P
   350 MHz SAW Filter
logo
TriQuint Semiconductor
856270 TRIQUINT-856270 Datasheet
584Kb / 5P
   350 MHz SAW Filter
855377 TRIQUINT-855377_15 Datasheet
527Kb / 5P
   350 MHz SAW Filter
logo
API Technologies Corp
SF0350BA03152S APITECH-SF0350BA03152S Datasheet
149Kb / 3P
   350 MHz SAW Filter 5 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com