Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856096 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856096
Description  1090 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856096 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856096 Datasheet HTML 1Page - TriQuint Semiconductor 856096 Datasheet HTML 2Page - TriQuint Semiconductor 856096 Datasheet HTML 3Page - TriQuint Semiconductor 856096 Datasheet HTML 4Page - TriQuint Semiconductor 856096 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856096
1090 MHz SAW Filter
Subject to change or obsolescence without notice
Rev -
24-Jul-2002
Page 2 of 5
Electrical Specifications (1)
Operating Temperature Range: (2)
-40 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency, f0
-
1090
-
MHz
Maximum Insertion Loss (4)
1085 - 1095 MHz
-
5
5.8
dB
Lower 1.25 dB Bandedge (5)
Upper 1.25 dB Bandedge (5)
-
1095
1077
1102
1085
-
MHz
MHz
Stop Band Rejection (5)
500 - 1006 MHz
1006 - 1050 MHz
1140 - 1160 MHz
1160 - 1600 MHz
55
50
50
55
60
55
55
60
-
-
-
-
dB
dB
dB
dB
Amplitude Variation (6)
1085 - 1095 MHz
-
1
1.25
dB
Group Delay Ripple (6)
1085 - 1095 MHz
-
15
20
nsec
Source Impedance (7)
-
50
-
Load Impedance (7)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Referenced to maximum loss within the specified frequency points
5.
All attenuation measurements are measured relative to insertion loss at center frequency
6.
Total variation over the defined frequency range
7.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Balanced
3,4,7,8
1
5
50
50
2
6
No impedance matching
required at 50 ohms


Similar Part No. - 856096

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856096 TRIQUINT-856096 Datasheet
523Kb / 6P
   1090 MHz Filter
856096-EVB TRIQUINT-856096-EVB Datasheet
523Kb / 6P
   1090 MHz Filter
856096 TRIQUINT-856096_15 Datasheet
523Kb / 6P
   1090 MHz Filter
More results

Similar Description - 856096

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1090EC TAI-SAW-TA1090EC Datasheet
345Kb / 6P
   SAW Filter 1090 MHz
TA0970A TAI-SAW-TA0970A Datasheet
514Kb / 7P
   SAW Filter 1090 MHz
logo
TriQuint Semiconductor
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
   1090 MHz SAW filter
857179 TRIQUINT-857179_15 Datasheet
889Kb / 6P
   1090 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2003A TAI-SAW-TA2003A Datasheet
284Kb / 7P
   SAW Filter 1090 MHz
TA0970B TAI-SAW-TA0970B Datasheet
372Kb / 7P
   SAW Filter 1090 MHz
logo
API Technologies Corp
MN95016 APITECH-MN95016 Datasheet
78Kb / 3P
   1090 MHz SAW Filter 12 MHz Bandwidth
logo
TriQuint Semiconductor
856096 TRIQUINT-856096_15 Datasheet
523Kb / 6P
   1090 MHz Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0514A TAI-SAW-TC0514A Datasheet
408Kb / 6P
   SAW Resonator 1090 MHz
TC0514B TAI-SAW-TC0514B Datasheet
257Kb / 7P
   SAW Resonator 1090 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com