Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA28WA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA28WA
Description  Silicon epitaxial planar type variable resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA28WA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA28WA Datasheet HTML 1Page - Panasonic Semiconductor MA28WA Datasheet HTML 2Page - Panasonic Semiconductor MA28WA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: March 2004
SKB00003CED
Varistors
MA3X028 Series (MA28 Series)
Silicon epitaxial planar type
For reduced voltage and temperature compensation
■ Features
• Extremely small reverse current I
R
• High reliability with planar structure
• Wide forward voltage V
F range
■ Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage MA3X028WA/WB
VF1
IF
= 10 µA
0.77
V
MA3X028TA/TB
1.15
Forward voltage MA3X0280A
VF2
IF
= 1.5 mA
0.56
0.61
V
MA3X0280B
0.59
0.64
MA3X028WA
IF = 3 mA
1.18
1.28
MA3X028WB
1.26
1.36
MA3X028TA
1.76
1.92
MA3X028TB
1.88
2.04
Reverse current
IR
VR
= 6 V
1.0
µA
Temperature
MA3X0280A/B
−∆V
F/
∆TI
F
= 3 mA
2.0
mV/
°C
coefficient of
MA3X028WA/B
4.6
forward voltage *
2
MA3X028TA/B
6.5
■ Electrical Characteristics T
a
= 25°C ± 3°C *1
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
6V
Peak forward MA3X0280A/B
IFM
150
mA
current
MA3X028WA/WB
100
MA3X028TA/TB
70
Power dissipation
PD
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
Marking Symbol
• MA3X0280A
: MD
• MA3X0280B
: ME
• MA3X028WA : MF
• MA3X028WB : MK
• MA3X028TA
: ML
• MA3X028TB
: MM
Note) The part numbers in the parenthesis show conventional part number.
1: Anode
2: N.C.
3: Cathode
EIAJ: SC-59
Mini3-G1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 100 MHz
3. *1: The temperature must be controlled 25°C for VF measurement. VF value measured at other temprature must be adjusted
to VF (25°C).
*2: Tj = 25°C to 150°C


Similar Part No. - MA28WA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA280 MPOWER-MA280 Datasheet
123Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.0
MA280CPA MPOWER-MA280CPA Datasheet
123Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.0
logo
Shindengen Electric Mfg...
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
logo
Murata Manufacturing Co...
MA28101BAN MURATA-MA28101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA28101BBN MURATA-MA28101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA28WA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2B027 PANASONIC-MA2B027 Datasheet
45Kb / 2P
   Silicon epitaxial planar type variable resistor
MA2C029 PANASONIC-MA2C029 Datasheet
46Kb / 2P
   Silicon epitaxial planar type variable resistor
MA30 PANASONIC-MA30 Datasheet
23Kb / 2P
   Silicon epitaxial planer type variable resistor
logo
Toshiba Semiconductor
1SV153 TOSHIBA-1SV153 Datasheet
35Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1S2236 TOSHIBA-1S2236 Datasheet
55Kb / 2P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1SV161 TOSHIBA-1SV161 Datasheet
38Kb / 1P
   Silicon Epitaxial Planar Type Variable Capacitance Diode
1SV100 TOSHIBA-1SV100 Datasheet
116Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1SV281TPH3F TOSHIBA-1SV281TPH3F Datasheet
151Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV270 TOSHIBA-1SV270_14 Datasheet
308Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV285 TOSHIBA-1SV285_14 Datasheet
177Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com