Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62733ML Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62733ML
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62733ML Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62733ML Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62733ML Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62733ML Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M6270X,M6271X,
M6272X,M6273X,M6274XML/SL
(
/ 3 )
980710
MITSUBISHI STANDARD LINEAER IC
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
t
t
L
H
OUTPUT
UNDEFINED
0.65V
Vs
SUPPLY
VOLTAGE
OUTPUT
STATE
td
td
td : delay time
2
M627X2
M627X4
M627X6
M627X8
M627X3
M627X5
M627X7
M627X9
FUNCTION DIAGRAM
OUTPUT FORM
Built-in Load
Open Collector
ABSOLUTE MAXIMUM RATINGS (Ta=25°C Unless otherwise noted)
Symbol
Parameter
Test condition
Ratings
Unit
ICC
Isink
VO
Pd
K
Topr
Tstg
Supply Voltage
Output Sink Current
Output Voltage
Power Dissipation
Thermal Derating
Operating Temperature
Storage Temperature
3pin SIP
Output with constant current load
3pin FLAT
Ta
25°C
3PIN SIP
3PIN FLAT
7
6
VCC
500
7
5
-30 to +85
-40 to +125
V
mA
700
V
mW
mW/°C
°C
°C
0
-
ELECTRICAL CHARACTERISTICS (Ta=25°C, Unless otherwise noted)
Icc
tPd
Circuit Current
µA
Delay Time
Ta=-30~+85
°C
Vs
Detecting Voltage
2.46
V
∆Vs
Vs/
∆T
Hysterisis Voltage
Detecting Voltage Temperature Coefficient
2.58
2.70
50
80
110
0.01
mV
%/°C
M627X2,3
M627X4,5
M627X6,7
M627X8,9
2.74
2.87
3.00
2.28
2.39
2.50
1.64
1.72
1.80
M627X9
Vcc=3.0V
M627X2
M627X3
M627X4
M627X5
M627X6
M627X7
M627X8
Vcc=3.3V
Vcc=2.7V
Vcc=2.0V
M6274X
200
120
30
50
70
ms
M6272X
M6273X
100
60
140
280
Vsat
VOPL
Ioc
VOH
Output Saturetion Voltage
Threshold Operating
Voltage
Output Load Current
Output HIGH Voltage
Vcc=2V,Isink=4mA
Minimum supply
voltage for operation
Built-in Load type
Vo=1/2*Vcc
RL=2.2k
Ω,Vsat≤0.4V
RL=100k
ΩVsat≤0.4V
0.2
0.4
0.7
0.8
0.6
0.7
-40
-25
-17
Vcc
-0.2 Vcc-0.06
V
V
µA
V
Built-in Load type
µA
nA
30
1
Open Collector type
Ta=-30~+85
°C
Output Leak Current
IOH
/ M627X8,9:Vcc=1.6V
M6270X
M6271X
NO OSC
&COUNTER
Built-in OSC &
COUNTER
X=2,3,4
M6270X
M6271X
3
200
µs
80
500
Response Time
Symbol
Parameter
Test condition
Limits
Unit
MIN
TYP
MAX
415
250
230
200
130
275
345
375
395
560
540
510
440
225
370
535
515
350
205
175
320
485
250
105
200
220
340
400
100
120
Vs+
∆Vs
built-in delay circuit type


Similar Part No. - M62733ML

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M6273X RENESAS-M6273X Datasheet
75Kb / 7P
   Voltage Detecting, System Resetting IC Series
logo
Mitsubishi Electric Sem...
M6273X MITSUBISHI-M6273X Datasheet
23Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
More results

Similar Description - M62733ML

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com