Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856166 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856166
Description  2441.75 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856166 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856166 Datasheet HTML 1Page - TriQuint Semiconductor 856166 Datasheet HTML 2Page - TriQuint Semiconductor 856166 Datasheet HTML 3Page - TriQuint Semiconductor 856166 Datasheet HTML 4Page - TriQuint Semiconductor 856166 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Data Sheet
Part Number 856166
2441.75 MHz SAW Filter
Subject to change or obsolescence without notice
Rev -
13-Sep-2002
Page 4 of 5
Matching Schematics
50
Single-ended
2,4
1
3
50
50
No impedance matching
required
Marking
PCB Footprint
ID dot
Marking
code
logo
Sawtek
Date code
H
JJJYM
.51
.78 SQ
CHAMFER
2.08 SQ
.31x45°
The date code consists of: JJJ = Julian day,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
8.0
3.5
1.1
Section A-A
2.23
2.23
Ø1.0
A
A
4.0
1.75
Ø1.5
4.0
2.0
0.254
8.5
2.7
Ø102
Ø13.0
Ø20.2
Ø330
Direction of travel
2.0
logo
Sawtek
ID dot
Dimensions shown are nominal in millimeters
Packaging quantity: 10000 units/reel


Similar Part No. - 856166

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8561600 FIBOX-8561600 Datasheet
60Kb / 2P
   PC Enclosure
13.07.2023
8561601 FIBOX-8561601 Datasheet
60Kb / 2P
   PC Enclosure
13.07.2023
8561602 FIBOX-8561602 Datasheet
60Kb / 2P
   PC Enclosure
13.07.2023
8561603 FIBOX-8561603 Datasheet
60Kb / 2P
   PC Enclosure
13.07.2023
8561604 FIBOX-8561604 Datasheet
60Kb / 2P
   PC Enclosure
13.07.2023
More results

Similar Description - 856166

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
   SAW filter 2441.75 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1834C TAI-SAW-TA1834C Datasheet
533Kb / 8P
   SAW Filter 2441.75 MHz SMD 1.4x1.1 mm (BW=83.5 MHz)
logo
EPCOS
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
   SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com