Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSH210R Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # CSH210R
Description  General Purpose SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CSH210R Datasheet(HTML) 1 Page - TriQuint Semiconductor

  CSH210R Datasheet HTML 1Page - TriQuint Semiconductor CSH210R Datasheet HTML 2Page - TriQuint Semiconductor CSH210R Datasheet HTML 3Page - TriQuint Semiconductor CSH210R Datasheet HTML 4Page - TriQuint Semiconductor CSH210R Datasheet HTML 5Page - TriQuint Semiconductor CSH210R Datasheet HTML 6Page - TriQuint Semiconductor CSH210R Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CSH210R
For further information, please visit www.triquint.com
pg. 1/7
Ver 5; December 16th, 2003
Features:
• SPDT Switch for mobile communications:
o Insertion Loss: 0.4 dB @ 2.0 GHz
o Isolation: 20 dB @ 2.0 GHz
o VSWR: 1.3:1
o P0.1dB: +26 dBm
• RF-frequency range DC – 2.5 GHz
• No supply voltage
• Positive control voltage
• Small SC-70 plastic package
General Purpose SPDT Switch
Description:
CSH210R is a general purpose single-pole,
double-throw switch device designed for
mobile communications applications such as
cellular and PCS mobile phones, ISM bands,
GPS receivers, L-band satellite terminals,
WLAN and pagers. The device is based on
pHEMT technology and exhibits very low
insertion
loss
and
high
intermodulation
performance.
The CSH210R does not need a supply
voltage and switching is accomplished with a
positive control voltage. The device exhibits
excellent VSWRs and isolation and is useable
from DC to 2.5 GHz.
Applications:
• General Purpose SPDT
Antenna Diversity Switching
• TX-RX Switching
• Mobile Phones
ISM and WLAN
L-Band Satellite Terminals
Package Outline:
SC-70
Pin Configuration:
1:
RF1 Port
2:
GND
3:
RF2 Port
4:
Control V2
5:
RF Common
6:
Control V1


Similar Part No. - CSH210R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSH266A4 CYSTEKEC-CSH266A4 Datasheet
221Kb / 6P
   Complementary Output Hall Effect Latched Sink Driver IC
CSH276PA4 CYSTEKEC-CSH276PA4 Datasheet
299Kb / 7P
   Complementary Output Hall Effect Latched Sink Driver IC
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
   Complementary Output Hall Effect Latched Sink Driver IC
More results

Similar Description - CSH210R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS12PL6 INFINEON-BGS12PL6 Datasheet
3Mb / 15P
   General purpose RF CMOS power SPDT Switch
Revision 2.4, 2014-05-27
BGS12P2L6 INFINEON-BGS12P2L6 Datasheet
884Kb / 13P
   SPDT general purpose switch for high power applications
Revision 2.0 2019-07-04
BGS12PL6BOARD INFINEON-BGS12PL6BOARD Datasheet
82Kb / 3P
   BGS12PL6 general purpose high RF power SPDT switch is designed
logo
Texas Instruments
TMUX1247 TI1-TMUX1247 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
logo
Filtronic Compound Semi...
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
   GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
   GaAs Multi-Purpose Wide Band SPDT Switch
logo
Adlink Technology Inc.
PXI-7901 ADLINK-PXI-7901 Datasheet
768Kb / 1P
   16-CH General-Purpose SPDT Relay Module
logo
Keysight Technologies
M9130A KEYSIGHT-M9130A Datasheet
3Mb / 15P
   General Purpose Switch Modules
logo
Omron Electronics LLC
D4A-XN OMRON-D4A-XN Datasheet
952Kb / 24P
   General-purpose Limit Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com