Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1073B-SCC Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA1073B-SCC
Description  27- 32 GHz 0.7 Watt Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1073B-SCC Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA1073B-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA1073B-SCC Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Product Datasheet
3
TGA1073B-SCC
RF SPECIFICATIONS
(TA = 25°C + 5°C)
NOTE
TEST
MEASUREMENT
CONDITIONS
VALUE
UNITS
6V @ 420mA
MIN
TYP
MAX
27 – 30 GHz
20
25
dB
1/
SMALL-SIGNAL
GAIN MAGNITUDE
31 – 32 GHz
16
20
dB
POWER OUTPUT
AT 1 dB GAIN
COMPRESSION
27 – 32 GHz
26.5
28.5
dBm
1/
INPUT RETURN LOSS
MAGNITUDE
27 – 32 GHz
-10
dB
1/
OUTPUT RETURN LOSS
MAGNITUDE
27 – 32 GHz
-10
dB
2/
OUTPUT THIRD ORDER
INTERCEPT
37
dBm
1/
RF probe data is taken at 1 GHz steps.
2/
Minimum output third-order-intercept (OTOI) is generally 6dB minimum above the 1dB
compression point (P1dB). Calculations are based on standard two-tone testing with each tone
approximately 10dB below the nominal P1dB. Factors that may affect OTOI performance
include device bias, measurement frequency, operating temperature, output interface and output
power level for each tone.
RELIABILITY DATA
PARAMETER
BIAS CONDITIONS
PDISS
RθJC
TCH
TM
VD (V)
ID (mA)
(W)
(C/W)
(
°C)
(HRS)
RθJC
Thermal resistance
(channel to backside of
c/p)
6
420
2.52
22.58
126.9
8.0 E6
Note: Assumes eutectic attach using 1.5 mil thick 80/20 AuSn mounted to a 20mil CuMo Carrier at 70
°C
baseplate temperature. Worst case condition with no RF applied, 100% of DC power is
dissipated.


Similar Part No. - TGA1073B-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
441Kb / 7P
   27 32 GHz 0.7 Watt Power Amplifier
TGA1073B-SCC TRIQUINT-TGA1073B-SCC_15 Datasheet
441Kb / 7P
   27 32 GHz 0.7 Watt Power Amplifier
More results

Similar Description - TGA1073B-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC_15 Datasheet
441Kb / 7P
   27 32 GHz 0.7 Watt Power Amplifier
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
TGA1172 TRIQUINT-TGA1172 Datasheet
768Kb / 4P
   27 - 32 GHz 1W Power Amplifier
TGA1172-SCC TRIQUINT-TGA1172-SCC Datasheet
329Kb / 8P
   27 - 32 GHz 1W Power Amplifier
logo
Fairchild Semiconductor
RMPA29000 FAIRCHILD-RMPA29000 Datasheet
293Kb / 10P
   27-30 GHZ 1 Watt Power Amplifier MMIC
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Qorvo, Inc
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
   27 ??31 GHz 7 Watt GaN Power Amplifier
logo
Analog Devices
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
   27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
logo
Qorvo, Inc
QPA2575 QORVO-QPA2575 Datasheet
1Mb / 16P
   32 ??38 GHz 3 Watt Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430 AVAGO-AMMP-6430 Datasheet
895Kb / 11P
   27-32 GHz 0.5W Power Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com