Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1135B-SCC Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA1135B-SCC
Description  18-27 GHz 1W Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1135B-SCC Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA1135B-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 9Page - TriQuint Semiconductor TGA1135B-SCC Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Product Datasheet
January 21, 2002
7
Dimensions in mm
RF I/O Pad: 200x100 mm
DC Pads: 105x105 mm
Die Area: 3.909 mm2
0.000
0.686
RF IN
0.833
PWR DET
(175x100
µµµµm)
0.098
0.373
RF OUT
1.480
TGA1135B-SCC


Similar Part No. - TGA1135B-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
930Kb / 10P
   18 27 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
   18 27 GHz 1W Power Amplifier
More results

Similar Description - TGA1135B-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
   18 27 GHz 1W Power Amplifier
TGA1172 TRIQUINT-TGA1172 Datasheet
768Kb / 4P
   27 - 32 GHz 1W Power Amplifier
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
   27 - 31 GHz 1W Power Amplifier
TGA1172-SCC TRIQUINT-TGA1172-SCC Datasheet
329Kb / 8P
   27 - 32 GHz 1W Power Amplifier
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
   27 to 31 GHz 1W Power Amplifier
TGA1135B TRIQUINT-TGA1135B Datasheet
1Mb / 8P
   18-27.5 GHz 1W Power Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6420 HP-AMMP-6420 Datasheet
88Kb / 4P
   6-18 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier
logo
Broadcom Corporation.
AMMC-6408 BOARDCOM-AMMC-6408 Datasheet
589Kb / 12P
   6-18 GHz 1W Power Amplifier
logo
Transcom, Inc.
TA160-180-25-27 TRANSCOM-TA160-180-25-27 Datasheet
18Kb / 1P
   16 - 18 GHz 27 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com