Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1212 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1212
Description  1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1212 Datasheet(HTML) 3 Page - Analog Devices

  ADG1212 Datasheet HTML 1Page - Analog Devices ADG1212 Datasheet HTML 2Page - Analog Devices ADG1212 Datasheet HTML 3Page - Analog Devices ADG1212 Datasheet HTML 4Page - Analog Devices ADG1212 Datasheet HTML 5Page - Analog Devices ADG1212 Datasheet HTML 6Page - Analog Devices ADG1212 Datasheet HTML 7Page - Analog Devices ADG1212 Datasheet HTML 8Page - Analog Devices ADG1212 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADADG1211/ADG1212/ADG1213
Rev. PrE | Page 3 of 16
SPECIFICATIONS
SINGLE SUPPLY
VDD = 15 V ± 10%, VSS = −15 V, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
85°C
Y Version1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
120
160
180
Ω typ
VS = ±10 V, IS = −10 mA; Figure 20
Ω max
On Resistance Match between
Channels (∆RON)
5
Ω typ
VS = ±10 V , IS = −10 mA
Ω max
On Resistance Flatness (RFLAT(ON))
25
Ω typ
VS = −5 V/0 V/+5 V; IS = −10 mA
50
Ω max
LEAKAGE CURRENTS
VDD = +10 V, VSS = −10 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = 0 V/10 V, VD = 10 V/0 V; Figure 21
±0.5
±1
±5
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = 0 V/10 V, VD = 10 V/0 V; Figure 21
±0.5
±1
±5
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VS = VD = 0 V or 10 V; Figure 22
±1
±2
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
±2.5
µA typ
VIN = VINL or VINH
±0.5
µA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS2
tON
50
ns typ
RL = 300 Ω, CL = 35 pF
ns max
VS = ±10 V; Figure 23
tOFF
15
ns typ
RL = 300 Ω, CL = 35 pF
ns max
VS = ±10 V; Figure 23
Break-before-Make Time Delay, tD
15
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 10 V; Figure 24
Charge Injection
1
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; Figure 25
Off Isolation
75
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 26
Channel-to-Channel Crosstalk
85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 27
Total Harmonic Distortion + Noise
0.002
% typ
RL = 600 Ω, 5 V rms, f = 20 Hz to 20 kHz
−3 dB Bandwidth
700
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 28
CS (Off)
2
pF typ
CD (Off)
2
pF typ
CD, CS (On)
4
pF typ
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or VDD
5.0
µA max
IDD
0.001
µA typ
Digital Inputs = 5 V
5.0
µA max
ISS
0.001
µA typ
Digital Inputs = 0 V or VDD
5.0
µA max


Similar Part No. - ADG1212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212 Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212SRU-EP-RL7 AD-ADG1212SRU-EP-RL7 Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212YCPZ-500RL7 AD-ADG1212YCPZ-500RL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YCPZ-REEL7 AD-ADG1212YCPZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results

Similar Description - ADG1212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com