Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65824FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M65824FP
Description  SIGNAL PROCESSOR FOR CD PLAYER WITH BUILT-IN D/A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65824FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M65824FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65824FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65824FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65824FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65824FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65824FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65824FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65824FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SIGNAL PROCESSOR FOR CD PLAYER WITH BUILT-IN D/A
M65824FP
MITSUBISHI SOUND PROCESSOR ICs
(
/ 8 )
ELECTRIC
MITSUBISHI
M65824FP
MITSUBISHI SOUND PROCESSOR ICs
SIGNAL PROCESSOR FOR CD PLAYER WITH BUILT-IN D/A
DESCRIPTION
The M65824FP is a CMOS IC for playback of a compact disk (CD-DA).
It is equipped with memory, non-adjustment PLL, 4fs digital filter and D-A converter.
The M65824FP can configure a compact CD-DA system.
FEATURES
•Non-adjustment EFM-PLL with wide lock-range (built-in VCO)
•Jitter margin ± 8 frames
•Operatable CLV servo command
•Attenuation (-12 dB)
•Built-in 4fs digital filter
•Built-in digital de-emphasis circuit
•Built-in D-A converter
•Compact set by the adoption of a compact package
•Built-in analog LPF
•External D-A mode
SYSTEM CONFIGURATION
Outline 42P2R-A
0.8mm pitch 450mil SSOP
(8.4mm x 17.5mm x 2.0mm)
RECOMMENDED OPERATING CONDITIONS
Supply voltage range (interface)........................ DVDD = 2.7 to 5.5V
Supply voltage range (internal circuit, analog)
............ DSPS, AVDD = 2.7 to 3.3V
Rated supply voltage (interface).................................. DVDD = 5.0V
Rated supply voltage (internal circuit, analog)
....................... DSPS, AVDD = 3.0V
Rated power consumption.................................................. 100 mW
PLL
SLICER
EMF
DE-MODULATOR
OPTICAL
PICK-UP
SUBCODE
INTERFACE
INTER
POLATION
DE-
EMP
18KSRAM
PLL CLK OSC CLK
CLV
DIGITAL
SERVO
MCU I/F
ECC
C1:2error
C2:2error
4FS DIGITAL
FILTER
D/A
Display
L
R
RF-AMP
PICK-UP
SERVO
AUTO
ADJUST-
MENT
SYSTEM CONTROL MICROPROCESSOR
MOTOR
DRIVER
M
M65824FP
1


Similar Part No. - M65824FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65824FP RENESAS-M65824FP Datasheet
2Mb / 9P
   SIGNAL PROCESSOR FOR CD PLAYER WITH BUILT-IN D/A
More results

Similar Description - M65824FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65824FP RENESAS-M65824FP Datasheet
2Mb / 9P
   SIGNAL PROCESSOR FOR CD PLAYER WITH BUILT-IN D/A
logo
Mitsubishi Electric Sem...
M65824AFP MITSUBISHI-M65824AFP Datasheet
182Kb / 23P
   CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
M50427FP MITSUBISHI-M50427FP Datasheet
848Kb / 17P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
logo
Sony Corporation
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
   CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com