Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3501 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM3501
Description  Dual USB Overcurrent Switch 750mA (VCC) / 100mA (VSBY)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3501 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM3501 Datasheet HTML 1Page - California Micro Devices Corp CM3501 Datasheet HTML 2Page - California Micro Devices Corp CM3501 Datasheet HTML 3Page - California Micro Devices Corp CM3501 Datasheet HTML 4Page - California Micro Devices Corp CM3501 Datasheet HTML 5Page - California Micro Devices Corp CM3501 Datasheet HTML 6Page - California Micro Devices Corp CM3501 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CALIFORNIA MICRO DEVICES
PRELIMINARY
CM3501
© 2003 California Micro Devices Corp. All rights reserved
09/10/03
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3
Pin Functions
VCC is the higher current power source. Whenever the
SEL pin is above 2V it will be selected, and VSBY will be
deselected.
VSBY is the lower current power source. Whenever the
SEL pin is below 0.8V it will be selected, and VCC will
be deselected. The two VSBY power switches can only
supply 100mA.
VSB
VOUT1 provides the power for a USB port. The internal
MOSFET switches are designed for low voltage drops
from the voltage input pins at their full rated currents.
VOUT2 provides the power for a second USB port. The
internal MOSFET switches are designed for low voltage
drops from the voltage input pins at their full rated
currents.
Current loads of up to 750mA are allowed (from Vcc).
Current loads above 750mA may cause the constant-
current limiting circuit to operate – reducing the output
voltage.
Continuous over-current loads will cause the part’s
internal temperature to rise. If the internal temperature
exceeds 150’C then any switch that is in overcurrent
mode will be immediately turned off. Any switch that is
not in overcurrent mode will remain on – it will not be
affected by the over-temperature detection. Once the
part has cooled to 125’C then the switch or switches
that were in overcurrent mode will be automatically
turned on again.
During the cold-start interval when the input is initially
applied, internal circuitry provides a soft turn-on for
the switches, which limits peak in-rush current.
SEL is the 3-level logic input pin that is used to
control which of the power switch pairs are turned on.
Set SEL high to select VCC, set SEL low to select
VSBY, or allow SEL to float to deselect both power
switches. The external device driving the SEL pin
must
able
to
source
and
sink
100
µA while
maintaining the proper VIL/VIH levels.
OC1#, OC2# are independent, active low open-
drain outputs, indicating an overcurrent fault condition
has been detected at VOUT1 or VOUT2. There is a built-
in 10msec (min.) fault blanking period after the
overcurrent fault condition has been detected, before
these outputs become active. The OC# outputs
become deasserted only when both the overcurrent
condition stops and when the voltage drop across the
switch is less than 1V. External pull-up resistors of
10k - 100k are required if the OC# outputs are used.
GND is the negative reference for all voltages.
Pin Functions
Pin No.
Symbol
Description
1
GND
Negative reference for all voltages.
2
VCC
High current positive supply input.
3
VSBY
Standby positive supply input. Also provides internal power.
4
SEL
3-level logic input. High = VCC, Low = VSBY, Floating = both off
5
OC2#
Active low when
VOUT2 is in overcurrent mode.
6
VOUT2
Output voltage internally switched to either VCC or VSBY input source.
7
VOUT1
Output voltage internally switched to either VCC or VSBY input source.
8
OC1#
Active low when
VOUT1 is in overcurrent mode.
STANDARD PART ORDERING INFORMATION
Pins
Package
Ordering Part Number
1
Part Marking
8
SOIC
CM3501-02SN
CM3501-02SN
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.


Similar Part No. - CM3501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CM3501 PANJIT-CM3501 Datasheet
65Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
logo
Transys Electronics
CM3501 TRSYS-CM3501 Datasheet
160Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS
More results

Similar Description - CM3501

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3511 CALMIRCO-CM3511 Datasheet
155Kb / 13P
   Dual USB Overcurrent Switch 1.2A (VCC) / 200mA (VSBY)
CM3513 CALMIRCO-CM3513 Datasheet
141Kb / 10P
   USB 2.4A Overcurrent Switch
CM3503 CALMIRCO-CM3503 Datasheet
216Kb / 6P
   USB 5V Single 1.4A Overcurrent Switch
CM3512 CALMIRCO-CM3512 Datasheet
137Kb / 11P
   Dual USB Overcurrent 1.2A Switches with Independent Controls
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
   DUAL USB POWER SWITCH
logo
Toshiba Semiconductor
TC7USB31WBG TOSHIBA-TC7USB31WBG Datasheet
245Kb / 12P
   Dual SPST USB Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
   Dual Channel USB Switch
logo
Toshiba Semiconductor
TC7USB221WBG TOSHIBA-TC7USB221WBG Datasheet
247Kb / 11P
   Dual SPDT USB Switch
logo
Alpha & Omega Semicondu...
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
   Dual Channel USB Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com