Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH1837F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CH1837F
Description  CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH1837F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CH1837F Datasheet HTML 1Page - List of Unclassifed Manufacturers CH1837F Datasheet HTML 2Page - List of Unclassifed Manufacturers CH1837F Datasheet HTML 3Page - List of Unclassifed Manufacturers CH1837F Datasheet HTML 4Page - List of Unclassifed Manufacturers CH1837F Datasheet HTML 5Page - List of Unclassifed Manufacturers CH1837F Datasheet HTML 6Page - List of Unclassifed Manufacturers CH1837F Datasheet HTML 7Page - List of Unclassifed Manufacturers CH1837F Datasheet HTML 8Page - List of Unclassifed Manufacturers CH1837F Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Cermetek Microelectronics, Inc.
CH1837A/7F/8A Data Access Arrangement Module
2002 Cermetek Microelectronics, Inc.
Page 5
Document No. 607-0014 Revision C2 (12/02)
Table 1. CH1837A/F Pin Description.
PIN
I/O
CH1837A/F
FUNCTION
1
I/O
TIP
TIP. Direct PSTN line connection.
2
I/O
RING
RING. Direct PSTN line connection.
3
I
OFFHK
OFF-HOOK. Used to toggle CH1837A/F product between On-Hook and Off-Hook.
When set LOW, CH1837A/F is On-Hook. When set HIGH, CH1837A/F is set Off-
Hook to answer or place a call. See Note 1.
4
O
RI
RING INDICATION. Indicates the presence of a ring signal between TIP and RING
pins. RI output is a square wave coincident with the incoming AC ring signal. The
RI square wave output can be conditioned to produce an envelope of the incoming
AC ring signal by using the circuit in Figure 4. See Notes 2 and 3.
5
O
RCV
RECEIVE. Audio output signal with respect to GND. AC couple RCV through
0.1
µF capacitor to eliminate any DC offset.
6
I
XMIT(-)
TRANSMIT(+). Audio input signal. AC couple through 0.1
µF capacitor. The
CH1837A/F can be used in differential mode with XMIT(+) or in single ended mode
with respect to GND.
7
I
VCC
POWER SUPPLY. +5V
±5%. Supply line noise should be less than 50mV peak to
peak.
8
I
XMIT(+)
TRANSMIT(-). Audio input signal for CH1837A/Fwhen used in differential mode
only. Connect to GND through 0.1
µF capacity when CH1837A/F used in single
ended input via PIN 8.
9
I
GND
GROUND. Supply line noise should be less than 50mV peak to peak.
Note:
1. When answering incoming calls in response to a ring indication on RI, internal degradation may occur if OFFHK
is set HIGH before RI returns to its HIGH state.
2. For CH1837A, the RI output is 2X the frequency of the incoming ring signal.
3. For CH1837F, the RI output is 1X the frequency of the incoming ring signal.
Table 2. CH1838A Pin Description.
PIN
I/O
CH1838A
FUNCTION
1
I/O
TIP
TIP. Direct PSTN line connection.
2
I/O
RING
RING. Direct PSTN line connection.
3
I
OFFHK
OFF-HOOK. Used to toggle CH18378 product between On-Hook and Off-Hook.
When set LOW, CH1838 is On-Hook. When set HIGH, CH1838 is set Off-Hook to
answer or place a call. See Note 1.
4
O
RI
RING INDICATION. Indicates the presence of a ring signal between TIP and
RING pins. RI output is a square wave coincident with the incoming AC ring
signal. The RI square wave output can be conditioned to produce an envelope of
the incoming AC ring signal by using the circuit in Figure 4. The RI output is 2X
the frequency of the incoming ring signal.
5
I/O
T1
RECEIVE. Audio input and output signal with respect to T2.
6
N/C
N/C
AUDIO INPUT/OUTPUT. Internally not connected. Either let float or connect to
GND.
7
I
VCC
POWER SUPPLY. +5V
±5%. Supply line noise should be less than 50mV peak to
peak.
8
I/O
T2
AUDIO INPUT/OUTPUT. Audio input and output signal with respect to T1.
9
I
GND
GROUND. Supply line noise should be less than 50mV peak to peak.
Note:
1. When answering incoming calls in response to a ring indicator on RI, internal degradation may occur if OFFHK
is set HIGH before RI returns to its HIGH state.


Similar Part No. - CH1837F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1817 ETC1-CH1817 Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
CH1817-D ETC1-CH1817-D Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
CH1817-DM ETC1-CH1817-DM Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
CH1817-L ETC1-CH1817-L Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
CH1817-LM ETC1-CH1817-LM Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
More results

Similar Description - CH1837F

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
logo
Clare, Inc.
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
   LITELINK??II Silicon Data Access Arrangement (DAA) IC
logo
Nais(Matsushita Electri...
AQS210PS NAIS-AQS210PS Datasheet
101Kb / 4P
   DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
logo
List of Unclassifed Man...
XE0046 ETC-XE0046 Datasheet
22Kb / 6P
   High-Performance Quad DAA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com