Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100ELT21TR2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AZ100ELT21TR2
Description  Differential PECL to CMOS/TTL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ100ELT21TR2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZ100ELT21TR2 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ100ELT21TR2 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ100ELT21TR2 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100ELT21TR2 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100ELT21TR2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AZ100ELT21
March 2002 * REV - 3
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Character
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
7.0
V
TA
Operating Temperature Range (In Free-Air)
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
CMOS/TTL DC CHARACTERISTICS (VCC = +3.0V to +5.5V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VOH
Output HIGH Voltage
VCC - 0.5
V
IOH = -24 mA
VOL
Output LOW Voltage
0.5
V
IOL = 24 mA
ICC
Power Supply Current
9.0
15
mA
0
°C to 85°C
ICC
Power Supply Current
9.0
17.6
mA
-40
°C to 85°C
IOS
Output Short Circuit Current
100
mA
100K LVPECL DC Characteristics (VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VIH
Input HIGH Voltage
2135
2420
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage
1490
1825
1490
1825
1490
1825
1490
1825
mV
VBB
Reference Voltage
1920
2090
1920
2090
1920
2090
1920
2090
mV
VPP
Minimum Input Swing1
200
200
200
200
mV
VCMR
Common Mode Range
1.2
VCC
1.2
VCC
1.2
VCC
1.2
VCC
V
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IIH
Input HIGH Current
150
150
150
150
µA
1.
200mV input guarantees full logic swing at the output.
100K PECL DC Characteristics (VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VIH
Input HIGH Voltage
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
3190
3525
3190
3525
3190
3525
3190
3525
mV
VBB
Reference Voltage
3620
3790
3620
3790
3620
3790
3620
3790
mV
VPP
Minimum Input Swing1
200
200
200
200
mV
VCMR
Common Mode Range
1.2
VCC
1.2
VCC
1.2
VCC
1.2
VCC
V
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IIH
Input HIGH Current
150
150
150
150
µA
1.
200mV input guarantees full logic swing at the output.
AC Characteristics (VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay to Output1
VCC = 4.5V to 5.5V
VCC = 3.0V to 3.6V
2.0
3.5
5.5
7.0
2.0
3.5
5.5
7.0
2.0
3.5
5.5
7.0
2.0
3.5
5.5
7.0
ns
1. CL=20pF


Similar Part No. - AZ100ELT21TR2

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100ELT21T AZM-AZ100ELT21T Datasheet
67Kb / 5P
   Differential PECL to CMOS/TTL Translator
AZ100ELT21TG AZM-AZ100ELT21TG Datasheet
67Kb / 5P
   Differential PECL to CMOS/TTL Translator
AZ100ELT21TG AZM-AZ100ELT21TG Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
More results

Similar Description - AZ100ELT21TR2

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
AZ100ELT21 AZM-AZ100ELT21 Datasheet
67Kb / 5P
   Differential PECL to CMOS/TTL Translator
AZ10ELT22 AZM-AZ10ELT22 Datasheet
73Kb / 6P
   CMOS/TTL to Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com