Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS42MB200 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS42MB200
Description  Dual 4.25 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS42MB200 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS42MB200 Datasheet HTML 1Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Pin Descriptions (Continued)
Pin Name
Pin
Number
I/O
Description
POWER
V
CC
2, 8, 14,
20, 29, 35,
38, 44
PV
CC = 3.3V ± 5%.
Each V
CC pin should be connected to the VCC plane through a low inductance path,
typically with a via located as close as possible to the landing pad of the V
CC pin.
It is recommended to have a 0.01 µF or 0.1 µF, X7R, size-0402 bypass capacitor from
each V
CC pin to ground plane.
GND
5, 11, 17,
32, 41
P
Ground reference. Each ground pin should be connected to the ground plane through a low
inductance path, typically with a via located as close as possible to the landing pad of the
GND pin.
GND
DAP
P
Die Attach Pad (DAP) is the metal contact at the bottom side, located at the center of the
LLP-48 package. It should be connected to the GND plane with at least 4 via to lower the
ground impedance and improve the thermal performance of the package.
Note: I = Input, O = Output, P = Power
Functional Description
The DS42MB200 is a signal conditioning 2:1 multiplexer and
a 1:2 buffer designed to support port redundancy up to 4.25
Gb/s. Each input stage has a fixed equalizer that provides
equalization to compensate about 5 dB of transmission loss
from a short backplane trace (about 10 inches backplane).
The output driver has pre-emphasis (driver-side equaliza-
tion) to compensate the transmission loss of the backplane
that it is driving. The driver conditions the output signal such
that the lower frequency and higher frequency pulses reach
approximately the same amplitude at the end of the back-
plane, and minimize the deterministic jitter caused by the
amplitude disparity. The DS42MB200 provides 4 steps of
user-selectable pre-emphasis ranging from 0, -3, -6 and –9
dB to handle different lengths of backplane. Figure 1 shows
a driver pre-emphasis waveform. The pre-emphasis duration
is 200ps nominal, corresponds to 0.75 bit-width at 4 Gb/s.
The pre-emphasis levels of switch-side and line-side can be
individually programmed.
The high speed inputs are self-biased to about 1.5V and are
designed for AC coupling. The inputs are compatible to most
AC coupling differential signals such as LVDS, LVPECL and
CML.
TABLE 1. LOGIC TABLE FOR MULTIPLEX CONTROLS
MUX_S0
Mux Function
0
MUX_0 select switch_B input, SIB_0±.
1 (default)
MUX_0 select switch_A input, SIA_0±.
MUX_S1
Mux Function
0
MUX_1 select switch_B input, SIB_1±.
1 (default)
MUX_1 select switch_A input, SIA_0±.
TABLE 2. LOGIC TABLE FOR LOOPBACK Controls
LB0A
Loopback Function
0
Enable loopback from SIA_0± to SOA_0±.
1 (default)
Normal mode. Loopback disabled.
LB0B
Loopback Function
0
Enable loopback from SIB_0± to SOB_0±.
1 (default)
Normal mode. Loopback disabled.
LB1A
Loopback Function
0
Enable loopback from SIA_1± to SOA_1±.
1 (default)
Normal mode. Loopback disabled.
LB1B
Loopback Function
0
Enable loopback from SIB_1± to SOB_1±.
1 (default)
Normal mode. Loopback disabled.
www.national.com
5


Similar Part No. - DS42MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB200 TI1-DS42MB200 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ/NOPB TI1-DS42MB200TSQ/NOPB Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS42MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200 Datasheet
660Kb / 13P
   Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB100 NSC-DS25MB100 Datasheet
993Kb / 16P
   2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output De-Emphasis
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200 Datasheet
1,014Kb / 14P
   Dual 4 Gb/s 1:2 Mux/Buffer with Onput Wqualization and Output Pre-Emphasis
logo
Texas Instruments
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com