Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C632A-4TQ Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS61C632A-4TQ
Description  32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C632A-4TQ Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IS61C632A-4TQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C632A-4TQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C632A-4TQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C632A-4TQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C632A-4TQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61C632A-4TQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IS61C632A-4TQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IS61C632A-4TQ Datasheet HTML 11Page - Integrated Circuit Solution Inc IS61C632A-4TQ Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IS61C632A
8
Integrated Circuit Solution Inc.
SSR001-0B
READ CYCLE SWITCHING CHARACTERISTICS
(Over Operating Range)
-4
-5
-6
-7
-8
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
tKC
Cycle Time
8
10
12
13
15
ns
tKH
Clock High Time
4
4
4
6
6
ns
tKL
Clock Low Time
4
4
4
6
6
ns
tKQ
Clock Access Time
4
5
6
7
8
ns
tKQX
(2)
Clock High to Output Invalid
1.5
1.5
2
2
2
ns
tKQLZ
(2,3)
Clock High to Output Low-Z
0
0
0
0
0
ns
tKQHZ
(2,3)
Clock High to Output High-Z
1.5
4
1.5
5
2
6
2
6
2
6
ns
tOEQ
Output Enable to Output Valid
4
5
6
6
6
ns
tOEQX
(2)
Output Disable to Output Invalid
0
0
0
0
0
ns
tOELZ
(2,3)
Output Enable to Output Low-Z
0
0
0
0
0
ns
tOEHZ
(2,3)
Output Disable to Output High-Z
4.5
4.8
6
6
6
ns
tAS
Address Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tSS
Address Status Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tWS
Write Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tAVS
Address Advance Setup Time
2.5
2.5
2.5
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tSH
Address Status Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tAVH
Address Advance Hold Time
0.5
0.5
0.5
0.5
0.5
ns
tCFG
Configuration Setup
(1)
25
35
45
66.7
80
ns
Notes:
1.
Configuration signal MODE is static and must not change during normal operation.
2.
Guaranteed but not 100% tested. This parameter is periodically sampled.
3.
Tested with the load in Figure 2.


Similar Part No. - IS61C632A-4TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10K ISSI-IS61C6416-10K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10T ISSI-IS61C6416-10T Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12K ISSI-IS61C6416-12K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12KI ISSI-IS61C6416-12KI Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C632A-4TQ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Integrated Device Techn...
IDT71F432 IDT-IDT71F432 Datasheet
40Kb / 5P
   32k X 32 mcACHE synchronous pipelined cache ram
logo
Motorola, Inc
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Device Techn...
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Motorola, Inc
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
logo
Motorola, Inc
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com