Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6711 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 1 Page - STMicroelectronics

  L6711 Datasheet HTML 1Page - STMicroelectronics L6711 Datasheet HTML 2Page - STMicroelectronics L6711 Datasheet HTML 3Page - STMicroelectronics L6711 Datasheet HTML 4Page - STMicroelectronics L6711 Datasheet HTML 5Page - STMicroelectronics L6711 Datasheet HTML 6Page - STMicroelectronics L6711 Datasheet HTML 7Page - STMicroelectronics L6711 Datasheet HTML 8Page - STMicroelectronics L6711 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1/38
L6711
November 2004
1FEATURES
2A INTEGRATED GATE DRIVERS
FULL DIFFERENTIAL CURRENT READING
ACROSS INDUCTOR OR LOW-SIDE
MOSFET
0.5% OUTPUT VOLTAGE ACCURACY
6 BIT PROGRAMMABLE OUTPUT FROM
0.8185V TO 1.5810V IN 12.5mV STEPS
5 BIT PROGRAMMABLE OUTPUT FROM
0.800V TO 1.550V IN 25mV STEPS
DYNAMIC VID MANAGEMENT
ADJUSTABLE REFERENCE VOLTAGE
OFFSET
3% ACTIVE CURRENT SHARING
ACCURACY
DIGITAL 2048 STEP SOFT-START
PROGRAMMABLE OVERVOLTAGE
PROTECTION
INTEGRATED TEMPERATURE SENSOR
CONSTANT OVER CURRENT PROTECTION
OSCILLATOR INTERNALLY FIXED AT
150kHz (450kHz RIPPLE)
OSCILLATOR EXTERNALLY ADJUSTABLE
OUTPUT ENABLE
INTEGRATED REMOTE SENSE BUFFER
TQFP48 7x7 PACKAGE WITH EXPOSED PAD
2APPLICATIONS
HIGH CURRENT VRM/VRD FOR DESKTOP /
SERVER / WORKSTATION CPUs
HIGH DENSITY DC/DC CONVERTERS
3DESCRIPTION
The device implements a three phase step-down
controller with a 120° phase-shift between each
phase with integrated high current drivers in a
compact 7x7mm body package with exposed pad.
The device embeds selectable DAC: the output
voltage ranges from 0.8185V to 1.5810V with
12.5mV steps (VID_SEL=OPEN) or from 0.800V
to 1.550V with 25mV steps (VID_SEL=GND; VID5
drives an optional +25mV offset) managing dy-
namic VID with 0.5% accuracy over line and temp
variations. Additional programmable offset can be
added to the voltage reference with a single exter-
nal resistor.
The device assures a fast protection against load
over current and load over/under voltage. An inter-
nal crowbar is provided turning on the low side
mosfet if an over-voltage is detected.
In case of over-current, the system works in Con-
stant Current mode until UVP.
Selectable current reading adds flexibility in sys-
tem design.
3 PHASE CONTROLLER WITH DYNAMIC VID
AND SELECTABLE DACs
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6711
TQFP48
L6711TR
TQFP48 in Tape & Reel
TQFP48 (exposed pad)


Similar Part No. - L6711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6711 STMICROELECTRONICS-L6711 Datasheet
633Kb / 50P
   3 Phase controller with dynamic VID and selectable DACs
L6711TR STMICROELECTRONICS-L6711TR Datasheet
633Kb / 50P
   3 Phase controller with dynamic VID and selectable DACs
L6711 STMICROELECTRONICS-L6711_06 Datasheet
633Kb / 50P
   3 Phase controller with dynamic VID and selectable DACs
More results

Similar Description - L6711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6711 STMICROELECTRONICS-L6711_06 Datasheet
633Kb / 50P
   3 Phase controller with dynamic VID and selectable DACs
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
RT8845B RICHTEK-RT8845B Datasheet
494Kb / 25P
   Multi-Phase PWM Controller with PWM-VID Reference
January 2021
DS8816A RICHTEK-DS8816A Datasheet
349Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
RT8816A RICHTEK-RT8816A Datasheet
352Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
March 2022
RT8848A RICHTEK-RT8848A Datasheet
3Mb / 78P
   Multi-Phase PWM Controller with PWM-VID Reference
February 2021
DS8813D RICHTEK-DS8813D Datasheet
359Kb / 23P
   Multi-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com