Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6711TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6711TR
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 5 Page - STMicroelectronics

  L6711TR Datasheet HTML 1Page - STMicroelectronics L6711TR Datasheet HTML 2Page - STMicroelectronics L6711TR Datasheet HTML 3Page - STMicroelectronics L6711TR Datasheet HTML 4Page - STMicroelectronics L6711TR Datasheet HTML 5Page - STMicroelectronics L6711TR Datasheet HTML 6Page - STMicroelectronics L6711TR Datasheet HTML 7Page - STMicroelectronics L6711TR Datasheet HTML 8Page - STMicroelectronics L6711TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5/38
L6711
19
CS3+
Channel 3 Current Sense Positive Input pin.
It must be connected through an Rg resistor to the LS mosfet source (or to the GND-side of the
sense resistor placed in series to the LS mosfet) if LS mosfet sense is performed
(CS_SEL=OPEN). Otherwise (CS_SEL=SGND), it must be connected to the phase-side of the
output inductor (or the inductor-side of the sense resistor used and placed between the channel
3 inductor and the output of the converter) through Rg resistor and an R-C network across the
inductor.
The net connecting the pin to the sense point must be routed as close as possible to the CS3-
net in order to couple in common mode any picked-up noise.
20
TC
Temperature Compensation pin.
Connect through a resistor RTC and filter with 10nF vs. SGND to program the temperature com-
pensation effect.
Short to SGND to disable the compensation effect.
21
CS_SEL
Current Reading Selection pin, internally 5V pulled-up.
Leave floating to sense current across low-side mosfets or a sense resistor placed in series to
the LS mosfet source. Maximum duty cycle is dynamically limited and Track&Hold is enabled to
assure proper reading of the current.
Short to SGND to read current across inductors or a sense resistor placed in series to the output
inductors. No duty cycle limitation and no Track&Hold performed in this case.
22
OSC/
FAULT
Oscillator pin.
It allows programming the switching frequency of each channel: the equivalent switching fre-
quency at the load side results in being tripled.
Internally fixed at 1.24V, the frequency is varied proportionally to the current sunk (forced) from
(into) the pin with an internal gain of 6kHz/
µA (See relevant section for details).
If the pin is not connected, the switching frequency is 150kHz for each channel (450kHz on the
load).
The pin is forced high (5V Typ.) when an Over/Under Voltage is detected; to recover from this
condition, cycle VCC or the OUTEN pin.
23, 24 to
28
VID5,
VID0-4
Voltage IDentification pins.
Internally pulled-up to 3V, connect to SGND to program a ‘0’ while leave floating to program a ‘1’.
They are used to program the output voltage as specified in Table 5 and Table 6 together with
VID_SEL and to set the OVP/UVP protection thresholds accordingly.
See relevant section for details about DAC selection.
29
VID_SEL
VID_SELect pin. Through this pin it is possible to select the DAC table used for the regulation.
Leave floating to use a VRD10.x compliant DAC (See Table 1) while short to SGND to use a
VRM-Hammer compliant DAC (See Table 2).
See relevant section for details about DAC selection.
30
SS_END Soft start end signal. It is an open collector output, set free after finishing the soft start.
Pull-up with a resistor to a voltage lower than 5V, if not used may be left floating.
31
SGND
All the internal references are referred to this pin. Connect it to the PCB signal ground.
32
PHASE3 Channel 3 HS driver return path. It must be connected to the HS3 mosfet source and provides
the return path for the HS driver of channel 3.
33
UGATE3 Channel 3 HS driver output.
A little series resistor helps in reducing device-dissipated power.
34
BOOT3
Channel 3 HS driver supply. This pin supplies the relative high side driver.
Connect through a capacitor (100nF Typ.) to the PHASE3 pin and through a diode to VCC (cath-
ode vs. boot).
35
PGND3
Channel 3 LS driver return path.
Connect to Power Ground Plane.
36
LGATE3
Channel 3 LS driver output.
A little series resistor helps in reducing device-dissipated power.
37
N.C.
Not internally connected.
Table 4. Pin Function (continued)
Name
Description


Similar Part No. - L6711TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6711TR STMICROELECTRONICS-L6711TR Datasheet
633Kb / 50P
   3 Phase controller with dynamic VID and selectable DACs
More results

Similar Description - L6711TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6711 STMICROELECTRONICS-L6711_06 Datasheet
633Kb / 50P
   3 Phase controller with dynamic VID and selectable DACs
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
RT8845B RICHTEK-RT8845B Datasheet
494Kb / 25P
   Multi-Phase PWM Controller with PWM-VID Reference
January 2021
DS8816A RICHTEK-DS8816A Datasheet
349Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
RT8816A RICHTEK-RT8816A Datasheet
352Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
March 2022
RT8848A RICHTEK-RT8848A Datasheet
3Mb / 78P
   Multi-Phase PWM Controller with PWM-VID Reference
February 2021
DS8813D RICHTEK-DS8813D Datasheet
359Kb / 23P
   Multi-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com