Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT-N816RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT-N816RD
Description  THREE DIGIT LED DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BT-N816RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT-N816RD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BT-M551RD
BT-N551RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BT-M555RD
BT-N555RD
BT-M555RE
BT-N555RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BT-M552RD
BT-N552RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BT-M553RD
BT-N553RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BT-M554RD
BT-N554RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BT-M556RD
BT-N556RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.56"
Three-Digit
BT-M55DRD
BT-N55DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
TD-11
BT-M811RD
BT-N811RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.3
BT-M815RD
BT-N815RD
BT-M815RE
BT-N815RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BT-M812RD
BT-N812RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.2
BT-M813RD
BT-N813RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BT-M814RD
BT-N814RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.2
BT-M816RD
BT-N816RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.5
0.80"
Three-Digit
BT-M81DRD
BT-N81DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
12.5
TD-12
TD-11
BT- M
N55xRD
TD-12
BT-M
N81xRD
NOTES: 1.All Dimensions are in millimeters(inches)
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect
.
12
9
8
11
7421 10 53
A BCD E F G DP
D1
D2
D3
NC: 6.
8.00(.315)
3.00(.118)MIN.
E0.50(.020)
2.54x5=12.70(.500)
15.24(.600)
BT-N55xRD
2.54x5=12.70(.500)
E0.50(.020)
10.1(.397)
3.00(.118)MIN.
7
11
AB
22.8(.898)
10
21
4
D
CE
53
G
FDP
NC: 6.
BT-M81xRD
D1
12
D2
9
8
D3
19.0(.748)
14.20(.560)
E1.7(.067)
+
37.5(1.476)
PIN.1
12.7x2=25.4(1.00)
8.0(.314)
8B
E
D
F
G
C
DP
B
D1
A
D2
D3
55.5(2.185)
PIN.1
20.0(.787)
+
10B
29.0(1.142)
11.0(.433)
E1.7(.067)
E
F
DP
D
C
G
B
A
D1
D3
D2
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BT-N816RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-N816RD BRIGHT-BT-N816RD Datasheet
156Kb / 3P
   0.80(20.0MM)THREE DIGIT LED DISPLAY
More results

Similar Description - BT-N816RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-C533RD BRIGHT-BT-C533RD Datasheet
87Kb / 1P
   0.52(13.20MM)THREE DIGIT LED DISPLAY
logo
Lucky Light Electronic
KWE-401 LUCKY-LIGHT-KWE-401 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
KWE-501 LUCKY-LIGHT-KWE-501 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.50)
logo
BRIGHT LED ELECTRONICS ...
BT-N812RD BRIGHT-BT-N812RD Datasheet
149Kb / 3P
   0.80(20.0MM)THREE DIGIT LED DISPLAY
BT-N816RD BRIGHT-BT-N816RD Datasheet
156Kb / 3P
   0.80(20.0MM)THREE DIGIT LED DISPLAY
BT-N326RD BRIGHT-BT-N326RD Datasheet
153Kb / 3P
   0.36(9.20MM)THREE DIGIT LED DISPLAY
BT-N513RD BRIGHT-BT-N513RD Datasheet
81Kb / 1P
   0.56(14.20MM)THREE DIGIT LED DISPLAY
BT-C403ND BRIGHT-BT-C403ND Datasheet
78Kb / 1P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
BT-M346RD BRIGHT-BT-M346RD Datasheet
148Kb / 3P
   0.39(10.0MM)THREE DIGIT LED DISPLAY
BT-M402RD BRIGHT-BT-M402RD Datasheet
147Kb / 3P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com