Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV796MF Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV796MF
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV796MF Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV796MF Datasheet HTML 7Page - National Semiconductor (TI) LMV796MF Datasheet HTML 8Page - National Semiconductor (TI) LMV796MF Datasheet HTML 9Page - National Semiconductor (TI) LMV796MF Datasheet HTML 10Page - National Semiconductor (TI) LMV796MF Datasheet HTML 11Page - National Semiconductor (TI) LMV796MF Datasheet HTML 12Page - National Semiconductor (TI) LMV796MF Datasheet HTML 13Page - National Semiconductor (TI) LMV796MF Datasheet HTML 14Page - National Semiconductor (TI) LMV796MF Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, V
=0,V+ = Supply
Voltage = 5V, V
CM =V
+/2. (Continued)
Large Signal Transient Response, A
V = +1
Small Signal Transient Response, A
V =+1
20183537
20183533
Large Signal Transient Response, A
V = +1
Phase Margin vs. Capacitive Load (Stability)
20183534
20183545
Phase Margin vs. Capacitive Load (Stability)
Positive PSRR vs. Frequency
20183546
20183527
www.national.com
11


Similar Part No. - LMV796MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV796MF/NOPB TI-LMV796MF/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796MFX/NOPB TI-LMV796MFX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results

Similar Description - LMV796MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
[Old version datasheet]   LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMV791 TI1-LMV791 Datasheet
1Mb / 34P
[Old version datasheet]   17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
[Old version datasheet]   LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
National Semiconductor ...
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
[Old version datasheet]   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com