Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1991ACDD Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1991ACDD
Description  Precision, 100UA Gain Selectable Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1991ACDD Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1991ACDD Datasheet HTML 1Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 2Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 3Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 4Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 5Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 6Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 7Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 8Page - Linear Integrated Systems LT1991ACDD Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1991
4
1991fb
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Difference amplifier configuration, VS = 5V, 0V or ±15V;
VCM = VREF = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage Swing (to Either Rail)
No Load
VS = 5V, 0V
40
55
mV
VS = 5V, 0V
65
mV
VS = ±15V
110
mV
1mA Load
VS = 5V, 0V
150
225
mV
VS = 5V, 0V
275
mV
VS = ±15V
300
mV
ISC
Output Short-Circuit Current (Sourcing)
Drive Output Positive;
8
12
mA
Short Output to Ground
4mA
Output Short-Circuit Current (Sinking)
Drive Output Negative;
8
21
mA
Short Output to VS or Midsupply
4mA
BW
–3dB Bandwidth
G = 1
110
kHz
G = 3
78
kHz
G = 9
40
kHz
GBWP
Op Amp Gain Bandwidth Product
f = 10kHz
560
kHz
tr, tf
Rise Time, Fall Time
G = 1; 0.1V Step; 10% to 90%
3
µs
G = 9; 0.1V Step; 10% to 90%
8
µs
ts
Settling Time to 0.01%
G = 1; VS = 5V, 0V; 2V Step
42
µs
G = 1; VS = 5V, 0V; –2V Step
48
µs
G = 1; VS = ±15V, 10V Step
114
µs
G = 1; VS = ±15V, –10V Step
74
µs
SR
Slew Rate
VS = 5V, 0V; VOUT = 1V to 4V
0.06
0.12
V/µs
VS = ±15V; VOUT = ±10V
0.08
0.12
V/µs
IS
Supply Current
VS = 5V, 0V
100
110
µA
150
µA
VS = ±15V
130
160
µA
210
µA
Note 1: Absolute Maximum Ratings are those beyond which the life of the
device may be impaired.
Note 2: The P3/M3 and P9/M9 inputs should not be taken more than 0.2V
beyond the supply rails. The P1/M1 inputs can withstand ±60V if P9/M9
are grounded and VS = ±15V (see Applications Information section about
“High Voltage CM Difference Amplifiers”).
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum ratings.
Note 4: Both the LT1991C and LT1991I are guaranteed functional over the
–40°C to 85°C temperature range.
Note 5: The LT1991C is guaranteed to meet the specified performance
from 0°C to 70°C and is designed, characterized and expected to meet
specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1991I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: Input voltage range is guaranteed by the CMRR test at VS = ±15V.
For the other voltages, this parameter is guaranteed by design and through
correlation with the ±15V test. See the Applications Information section to
determine the valid input voltage range under various operating
conditions.
Note 8: Offset voltage, offset voltage drift and PSRR are defined as
referred to the internal op amp. You can calculate output offset as follows.
In the case of balanced source resistance, VOS,OUT = VOS • NOISEGAIN +
IOS • 450k + IB • 450k • (1– RP/RN) where RP and RN are the total
resistance at the op amp positive and negative terminal respectively.
Note 9: Applies to resistors that are connected to the inverting inputs.
Resistor matching is not tested directly, but is guaranteed by the gain
error test.
Note 10: Input impedence is tested by a combination of direct
measurements and correlation to the CMRR and gain error tests.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1991ACDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1991ACDD-PBF LINER-LT1991ACDD-PBF Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT1991ACDD-TRPBF LINER-LT1991ACDD-TRPBF Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
More results

Similar Description - LT1991ACDD

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
   Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
   Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
   Precision, Wide Voltage Range Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com