Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1858IG Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC1858IG
Description  8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1858IG Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC1858IG Datasheet HTML 1Page - Linear Integrated Systems LTC1858IG Datasheet HTML 2Page - Linear Integrated Systems LTC1858IG Datasheet HTML 3Page - Linear Integrated Systems LTC1858IG Datasheet HTML 4Page - Linear Integrated Systems LTC1858IG Datasheet HTML 5Page - Linear Integrated Systems LTC1858IG Datasheet HTML 6Page - Linear Integrated Systems LTC1858IG Datasheet HTML 7Page - Linear Integrated Systems LTC1858IG Datasheet HTML 8Page - Linear Integrated Systems LTC1858IG Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1857/LTC1858/LTC1859
185789f
The
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
A ALOG I PUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Input Range
CH0 to CH7, COM
0 to 5, 0 to 10
V
±5, ±10
V
ADC+, ADC(Note 3)
0 to 2.048
V
0 to 4.096
V
ADC±1.024
V
ADC±2.048
V
Impedance
CH0 to CH7, COM
Unipolar
42
kΩ
Bipolar
31
kΩ
MUXOUT+, MUXOUT
Unipolar
10
kΩ
Bipolar
5
kΩ
ADC+, ADC
Hi-Z
kΩ
Capacitance
CH0 to CH7, COM
5
pF
Sample Mode ADC+, ADC
0V to 2.048V, ±1.024V
24
pF
0V to 4.096V, ±2.048V
12
pF
Hold Mode ADC+, ADC
4pF
Input Leakage Current
ADC+, ADC, CONVST = Low
±1
µA
The
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. MUXOUT connected to ADC inputs. (Notes 5 and 12)
LTC1857
LTC1858
LTC1859
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
S/(N + D) Signal-to-(Noise + Distortion) Ratio 1kHz Input Signal
74
83
87
dB
THD
Total Harmonic Distortion
1kHz Input Signal,
–101
–101
–101
dB
First Five Harmonics
Peak Harmonic or Spurious Noise
1kHz Input Signal
–103
–103
–103
dB
Channel-to-Channel Isolation
1kHz Input Signal
–120
–120
–120
dB
–3dB Input Bandwidth
1
1
1
MHz
Aperture Delay
–70
–70
–70
ns
Aperture Jitter
60
60
60
ps
Transient Response
Full-Scale Step
4
4
4
µs
(Note 9)
Overvoltage Recovery
(Note 13)
150
150
150
ns
DY A IC ACCURACY


Similar Part No. - LTC1858IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1858 LINER-LTC1858 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1858 LINER-LTC1858 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1858 LINER-LTC1858 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1858 LINER-LTC1858 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1858 LINER-LTC1858 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1858IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
logo
Linear Technology
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com