Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2801B Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA2801B
Description  CATV Ultra-Linear Power Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2801B Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TGA2801B Datasheet HTML 1Page - TriQuint Semiconductor TGA2801B Datasheet HTML 2Page - TriQuint Semiconductor TGA2801B Datasheet HTML 3Page - TriQuint Semiconductor TGA2801B Datasheet HTML 4Page - TriQuint Semiconductor TGA2801B Datasheet HTML 5Page - TriQuint Semiconductor TGA2801B Datasheet HTML 6Page - TriQuint Semiconductor TGA2801B Datasheet HTML 7Page - TriQuint Semiconductor TGA2801B Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TriQuint Semiconductor Texas : (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
November 16, 2005
7
116
15
14
13
11
10
9
8
7
6
5
4
3
2
12
0.296
0.406
Pinout
Pin Description
Pin
Description
1GND
2
Gate 2: Open Circuit
on PC Board
3
RF Input 1
4GND
5GND
6
RF Input 2
7
Gate 1: Current Adjust
R1 = 274
Ω to GND
8GND
9GND
10
VDD
11
RF Output 2
12
GND
13
GND
14
RF Output 1
15
VDD
16
GND
TGA2801B-SG


Similar Part No. - TGA2801B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2801D TRIQUINT-TGA2801D Datasheet
280Kb / 9P
   CATV Ultra-Linear Power Amp
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
   CATV Ultra-Linear Power Amp
More results

Similar Description - TGA2801B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2801D TRIQUINT-TGA2801D Datasheet
280Kb / 9P
   CATV Ultra-Linear Power Amp
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
   CATV Ultra-Linear Power Amp
logo
Tyco Electronics
PAW-1024 MACOM-PAW-1024 Datasheet
37Kb / 1P
   CATV ULTRA-LINEAR AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM_15 Datasheet
620Kb / 10P
   CATV Ultra Linear Gain Amplifier
logo
Tyco Electronics
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
    35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
   LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2806-SM TRIQUINT-TGA2806-SM Datasheet
371Kb / 11P
   CATV Linear Amplifier
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
151Kb / 8P
   LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317_1 Datasheet
365Kb / 12P
   LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
461Kb / 18P
   CATV Linear Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com