Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2801D Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA2801D
Description  CATV Ultra-Linear Power Amp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2801D Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA2801D Datasheet HTML 1Page - TriQuint Semiconductor TGA2801D Datasheet HTML 2Page - TriQuint Semiconductor TGA2801D Datasheet HTML 3Page - TriQuint Semiconductor TGA2801D Datasheet HTML 4Page - TriQuint Semiconductor TGA2801D Datasheet HTML 5Page - TriQuint Semiconductor TGA2801D Datasheet HTML 6Page - TriQuint Semiconductor TGA2801D Datasheet HTML 7Page - TriQuint Semiconductor TGA2801D Datasheet HTML 8Page - TriQuint Semiconductor TGA2801D Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TriQuint Semiconductor Texas : (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
April 5, 2006
4
Typical Measured S-Parameters
Using Application Circuit
(includes effects of external baluns)
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
Frequency (MHz)
9
10
11
12
13
14
0
200
400
600
800
1000
Frequency (MHz)
TGA2801D-SG


Similar Part No. - TGA2801D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
   CATV Ultra-Linear Power Amp
More results

Similar Description - TGA2801D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
   CATV Ultra-Linear Power Amp
TGA2801B TRIQUINT-TGA2801B Datasheet
272Kb / 8P
   CATV Ultra-Linear Power Amp
logo
Tyco Electronics
PAW-1024 MACOM-PAW-1024 Datasheet
37Kb / 1P
   CATV ULTRA-LINEAR AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM_15 Datasheet
620Kb / 10P
   CATV Ultra Linear Gain Amplifier
logo
Tyco Electronics
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
    35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
   LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2806-SM TRIQUINT-TGA2806-SM Datasheet
371Kb / 11P
   CATV Linear Amplifier
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
151Kb / 8P
   LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317_1 Datasheet
365Kb / 12P
   LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
461Kb / 18P
   CATV Linear Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com