Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2922-SG Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2922-SG
Description  2 Watt 802.11a Packaged Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2922-SG Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2922-SG Datasheet HTML 1Page - TriQuint Semiconductor TGA2922-SG Datasheet HTML 2Page - TriQuint Semiconductor TGA2922-SG Datasheet HTML 3Page - TriQuint Semiconductor TGA2922-SG Datasheet HTML 4Page - TriQuint Semiconductor TGA2922-SG Datasheet HTML 5Page - TriQuint Semiconductor TGA2922-SG Datasheet HTML 6Page - TriQuint Semiconductor TGA2922-SG Datasheet HTML 7Page - TriQuint Semiconductor TGA2922-SG Datasheet HTML 8Page - TriQuint Semiconductor TGA2922-SG Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Advance Product Information
April 27, 2005
1
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
2 Watt 802.11a Packaged Amplifier
TGA2922-SG
Key Features
4.9 - 6 GHz Application Frequency Range
11 dB Nominal Gain @ 8V 480mA
34 dBm Nominal P1dB @ 8V 480mA
2.5% EVM at 25dBm output power
IMD3 -50dBc @ 22dBm SCL, Typical
Bias Conditions: 7-9 V @ 480 mA (Quiescent)
•0.5
µm HFET Technology
2 lead Cu base SMT package
Fixtured Measured Performance
Bias Conditions: Vd = 8 V, Idq =480 mA
Performance data taken @ in a 5.75GHz
application circuit
Primary Applications
802.11a WLAN Bridge Amplifiers
U-NII Band HPA
C-Band Pt-Pt and Pt-Multi Pt Radio
The TGA2922-SG HPA provides
11dB of gain, 2 W of output power
across 4.9 - 6 GHz and 2.5% EVM
at 25 dBm output power. The device
is ideally suited for high linearity,
high power wireless data
applications such as 802.11a WLAN
Bridge Amplifiers, U-NII and Point-
to-Point or Point-to-Multi Point Non-
Line of Sight radios. The package
has a high thermal conductivity
copper base. Internal partial
matching simplifies system board
layout by requiring a minimum of
external components.
Lead-Free & RoHS compliant.
Evaluation Boards are available.
Product Description
0
4
8
12
16
20
24
28
32
36
40
9
11
1315
171921232527
2931
Pin (dBm)
300
400
500
600
700
800
Pout
IDS
Gain
-12
-9
-6
-3
0
3
6
9
12
15
44.555.566.5
7
Frequency (GHz)
-20
-15
-10
-5
0
5
10
15
20
25
Gain
Input
Output
Note: This device is early in the characterization process prior to finalizing all electrical specifications. Specifications are subject to
change without notice.


Similar Part No. - TGA2922-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
TGA2923-SG TRIQUINT-TGA2923-SG Datasheet
278Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2925-SG TRIQUINT-TGA2925-SG Datasheet
268Kb / 10P
   5.6 Watt 3.5GHz Packaged HPA
More results

Similar Description - TGA2922-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG Datasheet
126Kb / 14P
   2 Watt Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG_15 Datasheet
132Kb / 14P
   2 Watt Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2706-SM TRIQUINT-TGA2706-SM Datasheet
613Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
TGA2706-SM TRIQUINT-TGA2706-SM_15 Datasheet
392Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
TGA2923-SG TRIQUINT-TGA2923-SG Datasheet
278Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com