Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2925-SG Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA2925-SG
Description  5.6 Watt 3.5GHz Packaged HPA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2925-SG Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA2925-SG Datasheet HTML 1Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 2Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 3Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 4Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 5Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 6Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 7Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 8Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Advance Product Information
Aug 16, 2005
4
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
Bias Conditions: Vd = 8 V, Idq = 0.75 A
TGA2925 Measured Fixtured Data
Application Circuit tuned to 3.5 GHz
TGA2925-SG
-20
-15
-10
-5
0
5
10
15
2.52.7
2.93.1
3.3
3.5
3.73.9
4.14.3
4.5
Frequency (GHz)
S11
S21
S22
25
27
29
31
33
35
37
39
18
20
22
24
26
28
30
32
34
Pin (dBm)
3.4GHz
3.45GHz
3.5GHz
3.55GHz
3.6GHz


Similar Part No. - TGA2925-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
TGA2922-SG TRIQUINT-TGA2922-SG Datasheet
312Kb / 12P
   2 Watt 802.11a Packaged Amplifier
TGA2923-SG TRIQUINT-TGA2923-SG Datasheet
278Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
More results

Similar Description - TGA2925-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
logo
United Monolithic Semic...
CHA5356-QGG UMS-CHA5356-QGG_15 Datasheet
662Kb / 16P
   17.7-23.6GHz Packaged HPA
logo
TriQuint Semiconductor
TGA2509-EPU-FL TRIQUINT-TGA2509-EPU-FL Datasheet
264Kb / 12P
   Wideband Packaged HPA with AGC
TGA4505 TRIQUINT-TGA4505_15 Datasheet
461Kb / 10P
   4 Watt Ka Band HPA
TGA4916 TRIQUINT-TGA4916_15 Datasheet
268Kb / 12P
   7 Watt Ka-Band HPA
TGA4505 TRIQUINT-TGA4505 Datasheet
236Kb / 9P
   4 Watt Ka Band HPA
TGA4906 TRIQUINT-TGA4906_15 Datasheet
217Kb / 13P
   4 Watt Ka-Band HPA
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG_15 Datasheet
132Kb / 14P
   2 Watt Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG Datasheet
126Kb / 14P
   2 Watt Packaged Amplifier
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com