Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4509-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4509-SM
Description  Ka-Band Packaged 1W PA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4509-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4509-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4509-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4509-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4509-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4509-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4509-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4509-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4509-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4509-SM Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
November 11, 2005
3
TABLE II
RF CHARACTERIZATION TABLE
(TA = 25
qC, Nominal)
Bias Conditions: Vd = 6V, Idq = 420mA
SYMBOL
PARAMETER
TEST CONDITION
NOMINAL
UNITS
Gain
Small Signal Gain
f = 28-31 GHz
19
dB
IRL
Input Return Loss
f = 28-31 GHz
16
dB
ORL
Output Return Loss
f = 28-31 GHz
10
dB
Psat
Saturated Output Power
f = 28-31 GHz
30.5
dBm
P1dB
Output Power @ 1dB
Compression
f = 28-31 GHz
30
dBm
TABLE III
THERMAL INFORMATION
PARAMETER
TEST CONDITION
TCH
(
qC)
RTjc
(
qC/W)
MTTF
(HRS)
Rθjc Thermal Resistance
(Channel to package)
VD = 6V
IDq = 420mA
PDiss = 2.52 W
141
22.4
2.2 E+6
Note: Backside of package is at 85
°C baseplate temperature. Worst case is
at saturated output power when DC power consumption rises to 4.8 W with
1 W RF power delivered to load. Power dissipated is 3.8 W and the
temperature rise in the channel is 85
°C. Baseplate temperature must be
reduced to 65
°C to remain below the 150 °C maximum channel
temperature.
TGA4509-SM


Similar Part No. - TGA4509-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
336Kb / 11P
   Ka-Band Packaged 1W PA
TGA4509-SM TRIQUINT-TGA4509-SM_15 Datasheet
336Kb / 11P
   Ka-Band Packaged 1W PA
More results

Similar Description - TGA4509-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4509-SM TRIQUINT-TGA4509-SM_15 Datasheet
336Kb / 11P
   Ka-Band Packaged 1W PA
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
TGA4915-CP TRIQUINT-TGA4915-CP_15 Datasheet
221Kb / 9P
   7 W Ka Band Packaged Power Amplifier
logo
Filtronic Compound Semi...
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
   PACKAGED 1W POWER PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com