Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4511-EPU Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA4511-EPU
Description  30-38 GHz Balanced Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4511-EPU Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TGA4511-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGA4511-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGA4511-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGA4511-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGA4511-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGA4511-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGA4511-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGA4511-EPU Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
November 2, 2004
8
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice
Assembly Process Notes
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Reflow process assembly notes:
Use AuSn (80/20) solder with limited exposure to temperatures at or above 300 C.
An alloy station or conveyor furnace with reducing atmosphere should be used.
No fluxes should be utilized.
Coefficient of thermal expansion matching is critical for long-term reliability.
Devices must be stored in a dry nitrogen atmosphere.
Component placement and adhesive attachment assembly notes:
• Vacuum pencils and/or vacuum collets are the preferred method of pick up.
• Air bridges must be avoided during placement.
• The force impact is critical during auto placement.
• Organic attachment can be used in low-power applications.
• Curing should be done in a convection oven; proper exhaust is a safety concern.
• Microwave or radiant curing should not be used because of differential heating.
• Coefficient of thermal expansion matching is critical.
Interconnect process assembly notes:
Thermosonic ball bonding is the preferred interconnect technique.
Force, time, and ultrasonics are critical parameters.
Aluminum wire should not be used.
Discrete FET devices with small pad sizes should be bonded with 0.0007-inch wire.
Maximum stage temperature is 200 C.
TGA4511-EPU


Similar Part No. - TGA4511-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4510 TRIQUINT-TGA4510 Datasheet
646Kb / 9P
   29 to 37 GHz Compact Driver Amplifier
TGA4510-EPU TRIQUINT-TGA4510-EPU Datasheet
166Kb / 9P
   Ka-band Compact Driver Amplifier
TGA4510-SM TRIQUINT-TGA4510-SM Datasheet
403Kb / 11P
   Ka Band Compact Driver Amplifier
TGA4510-SM TRIQUINT-TGA4510-SM_15 Datasheet
403Kb / 11P
   Ka Band Compact Driver Amplifier
TGA4510 TRIQUINT-TGA4510_15 Datasheet
646Kb / 9P
   29 to 37 GHz Compact Driver Amplifier
More results

Similar Description - TGA4511-EPU

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ABA3100 ANADIGICS-ABA3100_08 Datasheet
520Kb / 13P
   1 GHz Balanced Low Noise Linear Amplifier
ABA3101 ANADIGICS-ABA3101 Datasheet
468Kb / 12P
   1 GHz Balanced Low Noise Linear Amplifier
logo
Skyworks Solutions Inc.
ABA3100 SKYWORKS-ABA3100 Datasheet
522Kb / 12P
   1 GHz Balanced Low Noise Linear Amplifier
ABA3101 SKYWORKS-ABA3101 Datasheet
585Kb / 12P
   1.2 GHz Balanced Low Noise Linear Amplifier
logo
Marki Microwave
AMM-7203 MARKIMICROWAVE-AMM-7203 Datasheet
5Mb / 15P
   30 GHz ??60 GHz Low Noise Amplifier
logo
Alpha Industries
AA028N1-99 ALPHA-AA028N1-99 Datasheet
317Kb / 4P
   23-30 GHz Low Noise Amplifier
logo
HBH Microwave GmbH
HA8003 HBH-HA8003 Datasheet
25Kb / 1P
   30 - 36 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD247 QORVO-CMD247 Datasheet
261Kb / 10P
   30-40 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD247 MMIC-CMD247 Datasheet
266Kb / 10P
   30-40 GHz Low Phase Noise Amplifier
logo
Alpha Industries
AA028N1-A2 ALPHA-AA028N1-A2 Datasheet
532Kb / 4P
   24-30 GHz Surface Mount Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com