Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4521 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4521
Description  32 - 45 GHz Wide Band Driver Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4521 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4521 Datasheet HTML 1Page - TriQuint Semiconductor TGA4521 Datasheet HTML 2Page - TriQuint Semiconductor TGA4521 Datasheet HTML 3Page - TriQuint Semiconductor TGA4521 Datasheet HTML 4Page - TriQuint Semiconductor TGA4521 Datasheet HTML 5Page - TriQuint Semiconductor TGA4521 Datasheet HTML 6Page - TriQuint Semiconductor TGA4521 Datasheet HTML 7Page - TriQuint Semiconductor TGA4521 Datasheet HTML 8Page - TriQuint Semiconductor TGA4521 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
October 28, 2005
1
19
20
21
22
23
24
25
26
27
32
34
36
38
40
42
44
46
48
Frequency (GHz)
-15
-10
-5
0
5
10
15
20
25
32
34
36
38
40
42
44
46
48
Frequency (GHz)
32 - 45 GHz Wide Band Driver Amplifier
TGA4521
Key Features
Frequency Range: 32 - 45 GHz
25 dBm Nominal Psat @ 38 GHz
24 dBm P1dB @ 38 GHz
16 dB Nominal Gain @ 38 GHz
33 dBm OTOI @ 16dBm/Tone
Bias: 6 V @ 175 mA Idq
0.15 um 3MI pHEMT Technology
Chip Dimensions 1.60 x 0.75 x 0.10 mm
(0.063 x 0.030 x 0.004 in)
Primary Applications
Digital Radio
Point-to-Point Radio
Point-to-Multipoint Communications
Military SAT-COM
Measured Fixtured Data
Bias Conditions: Vd = 6 V, Idq = 175 mA
Psat
P1dB
Product Description
The TriQuint TGA4521 is a compact Driver
Amplifier MMIC for Ka-band and Q-band
applications. The part is designed using TriQuint’s
0.15um power pHEMT production process.
The TGA4521 nominally provides 25 dBm
saturated output power, and 24 dBm output power
at 1dB Gain compression @ 38 GHz. It also has
typical gain of 16 dB.
The part is ideally suited for low cost emerging
markets such as Digital Radio, Point-to-Point
Radio and Point-to-Multi Point Communications.
The TGA4521 is 100% DC and RF tested on-wafer
to ensure performance compliance.
Lead-Free & RoHS compliant.
Gain
IRL
ORL
Note: Devices is early in the characterization process prior to finalizing all electrical specifications. Specifications are subject to change without
notice


Similar Part No. - TGA4521

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
309Kb / 9P
   32 to 45 GHz Wide Band Driver Amplifier
TGA4521 TRIQUINT-TGA4521_15 Datasheet
309Kb / 9P
   32 to 45 GHz Wide Band Driver Amplifier
More results

Similar Description - TGA4521

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521_15 Datasheet
309Kb / 9P
   32 to 45 GHz Wide Band Driver Amplifier
TGA4522-EPU TRIQUINT-TGA4522-EPU Datasheet
167Kb / 10P
   33 - 47 GHz Wide Band Driver Amplifier
TGA4522 TRIQUINT-TGA4522 Datasheet
168Kb / 11P
   33 - 47 GHz Wide Band Driver Amplifier
logo
Qorvo, Inc
TGA4522 QORVO-TGA4522 Datasheet
369Kb / 12P
   33 ??7 GHz Wide Band Driver Amplifier
logo
HBH Microwave GmbH
HA7003 HBH-HA7003 Datasheet
25Kb / 1P
   4.0 - 26.5 GHz Ultra Wide Band Driver Amplifier
logo
TriQuint Semiconductor
TGA4522 TRIQUINT-TGA4522_15 Datasheet
369Kb / 12P
   33 to 47 GHz Wide Band Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com