Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4811 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4811
Description  DC - 60 GHz Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4811 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4811 Datasheet HTML 1Page - TriQuint Semiconductor TGA4811 Datasheet HTML 2Page - TriQuint Semiconductor TGA4811 Datasheet HTML 3Page - TriQuint Semiconductor TGA4811 Datasheet HTML 4Page - TriQuint Semiconductor TGA4811 Datasheet HTML 5Page - TriQuint Semiconductor TGA4811 Datasheet HTML 6Page - TriQuint Semiconductor TGA4811 Datasheet HTML 7Page - TriQuint Semiconductor TGA4811 Datasheet HTML 8Page - TriQuint Semiconductor TGA4811 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advance Product Information
June 30, 2005
1
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com Info: info-mmw@tqs.com
DC - 60 GHz Low Noise Amplifier
TGA4811
Key Features
60 GHz Bandwidth
3.0 dB noise figure
> 15 dB small signal gain
13 dBm P1dB
+/- 7 ps group delay variation
Bias: 6V, 50 mA
0.15 um 3MI mHEMT Technology
Chip Dimensions: 1.30 x 1.06 x 0.1 mm
(0.051 x 0.042 x 0.004) in
Primary Applications
Wideband LNA / gain block
Test Equipment
40 Gb/s optical networks
Measured Data
Bias Conditions: Vd = 6 V, Id = 50 mA
Note: This device is early in the characterization process prior to finalizing all electrical specifications. Specifications are subject to
change without notice.
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
45
50
Frequency (GHz)
0
2
4
6
8
10
12
14
16
NF at 4.5V,42 mA
P1dB at 4.5V,42 mA
P1dB at 6V,52 mA
Description
The TriQuint TGA4811 is a DC - 60
GHz low noise amplifier that typically
provides 15 dB small signal gain and
input and output return loss is <10dB.
Normal Noise Figure is 3.0 dB from 2
- 40 GHz. P1dB is 13 dBm.
The TGA4811 is an excellent choice
for Test Equipment, 40Gb/s optical
network applications, and general
wideband LNA and Gain Block
applications.
The TGA4811 is 100% RF tested to
ensure performance compliance.
Lead-Free & RoHS compliant.
Samples are available.
0
2
4
6
8
10
12
14
16
18
0
1020
30
405060
Frequency (GHz)
-24
-20
-16
-12
-8
-4
0


Similar Part No. - TGA4811

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
   10Gb/s Differential TIA
TGA4816-EPU TRIQUINT-TGA4816-EPU Datasheet
107Kb / 7P
   10Gb/s Differential TIA
TGA4817-EPU TRIQUINT-TGA4817-EPU Datasheet
411Kb / 9P
   10Gb/s Wide Dynamic Range Differential TIA
TGA4819-SL TRIQUINT-TGA4819-SL Datasheet
385Kb / 11P
   10.7Gb/s Linear Optical Modulator Driver
More results

Similar Description - TGA4811

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
AMM-7203 MARKIMICROWAVE-AMM-7203 Datasheet
5Mb / 15P
   30 GHz ??60 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD326 QORVO-CMD326 Datasheet
315Kb / 11P
   DC-18 GHz Low Phase Noise Amplifier
CMD275P4 QORVO-CMD275P4 Datasheet
275Kb / 10P
   DC-26.5 GHz Low Phase Noise Amplifier
CMD275 QORVO-CMD275 Datasheet
302Kb / 11P
   DC-26.5 GHz Low Phase Noise Amplifier
CMD327 QORVO-CMD327 Datasheet
360Kb / 11P
   DC-40 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD275P4 MMIC-CMD275P4 Datasheet
275Kb / 10P
   DC-26.5 GHz Low Phase Noise Amplifier
CMD275 MMIC-CMD275 Datasheet
253Kb / 10P
   DC-26.5 GHz Low Phase Noise Amplifier
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com