Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1209 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1209
Description  14-Bit, 95Msps, 3.3V ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1209 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1209 Datasheet HTML 1Page - Maxim Integrated Products MAX1209 Datasheet HTML 2Page - Maxim Integrated Products MAX1209 Datasheet HTML 3Page - Maxim Integrated Products MAX1209 Datasheet HTML 4Page - Maxim Integrated Products MAX1209 Datasheet HTML 5Page - Maxim Integrated Products MAX1209 Datasheet HTML 6Page - Maxim Integrated Products MAX1209 Datasheet HTML 7Page - Maxim Integrated Products MAX1209 Datasheet HTML 8Page - Maxim Integrated Products MAX1209 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
14-Bit, 95Msps, 3.3V ADC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low,
G/T = low, fCLK = 95MHz (50% duty cycle, 1.4VP-P square wave), TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL REFERENCE (REFIN = REFOUT; VREFP, VREFN, and VCOM are generated internally)
REFOUT Output Voltage
VREFOUT
1.980
2.048
2.066
V
COM Output Voltage
VCOM
VDD / 2
1.65
V
Differential-Reference Output
Voltage
VREF
VREF = VREFP - VREFN = VREFIN x 3/4
1.536
V
REFOUT Load Regulation
-1.0mA < IREFOUT < +0.1mA
35
mV/mA
REFOUT Temperature Coefficient
TCREF
+50
ppm/°C
Short to VDD—sinking
0.24
REFOUT Short-Circuit Current
Short to GND—sourcing
2.1
mA
BUFFERED EXTERNAL REFERENCE (REFIN driven externally; VREFIN = 2.048V, VREFP, VREFN, and VCOM are generated internally)
REFIN Input Voltage
VREFIN
2.048
V
REFP Output Voltage
VREFP
(VDD / 2) + (VREFIN x 3/8)
2.418
V
REFN Output Voltage
VREFN
(VDD / 2) - (VREFIN x 3/8)
0.882
V
COM Output Voltage
VCOM
VDD / 2
1.60
1.65
1.70
V
Differential-Reference Output
Voltage
VREF
VREF = VREFP - VREN = VREFIN x 3/4
1.454
1.604
V
Differential-Reference
Temperature Coefficient
±25
ppm/°C
REFIN Input Resistance
>50
M
UNBUFFERED EXTERNAL REFERENCE (REFIN = GND; VREFP, VREFN, and VCOM are applied externally)
COM Input Voltage
VCOM
VDD / 2
1.65
V
REFP Input Voltage
VREFP - VCOM
0.768
V
REFN Input Voltage
VREFN - VCOM
-0.768
V
Differential-Reference Input
Voltage
VREF
VREF = VREFP - VREFN = VREFIN x 3/4
1.536
V
REFP Sink Current
IREFP
VREFP = 2.418V
1.4
mA
REFN Source Current
IREFN
VREFN = 0.882V
1.0
mA
COM Sink Current
ICOM
VCOM = 1.650V
1.0
mA
REFP, REFN Capacitance
13
pF
COM Capacitance
6pF
CLOCK INPUTS (CLKP, CLKN)
Single-Ended Input High
Threshold
VIH
CLKTYP = GND, CLKN = GND
0.8 x
VDD
V
Single-Ended Input Low
Threshold
VIL
CLKTYP = GND, CLKN = GND
0.2 x
VDD
V
Minimum Differential Input
Voltage Swing
CLKTYP = high
0.2
VP-P


Similar Part No. - MAX1209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1209 MAXIM-MAX1209 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
MAX1209 MAXIM-MAX1209 Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1209 MAXIM-MAX1209 Datasheet
372Kb / 27P
   12-Bit, 80Msps, 3.3V IF-Sampling ADC
2004
MAX1209ETL MAXIM-MAX1209ETL Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1209ETL MAXIM-MAX1209ETL Datasheet
372Kb / 27P
   12-Bit, 80Msps, 3.3V IF-Sampling ADC
2004
More results

Similar Description - MAX1209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19538 MAXIM-MAX19538 Datasheet
649Kb / 28P
   12-Bit, 95Msps, 3.3V ADC
2004
MAX12553 MAXIM-MAX12553 Datasheet
1Mb / 28P
   14-Bit, 65Msps, 3.3V ADC
Rev 0; 8/04
logo
Linear Technology
LTC2285IUP LINER-LTC2285IUP Datasheet
577Kb / 24P
   Dual 14-Bit, 135Msps Low Power 3.3V ADC
logo
Texas Instruments
THS8083A95 TI-THS8083A95 Datasheet
419Kb / 66P
[Old version datasheet]   TRIPLE 8-BIT, 95MSPS, 3.3V VIDEO AND GRAPHICS
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com