Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1208 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1208
Description  14-Bit, 95Msps, 3.3V ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1208 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1208 Datasheet HTML 1Page - Maxim Integrated Products MAX1208 Datasheet HTML 2Page - Maxim Integrated Products MAX1208 Datasheet HTML 3Page - Maxim Integrated Products MAX1208 Datasheet HTML 4Page - Maxim Integrated Products MAX1208 Datasheet HTML 5Page - Maxim Integrated Products MAX1208 Datasheet HTML 6Page - Maxim Integrated Products MAX1208 Datasheet HTML 7Page - Maxim Integrated Products MAX1208 Datasheet HTML 8Page - Maxim Integrated Products MAX1208 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
General Description
The MAX12555 is a 3.3V, 14-bit, 95Msps analog-to-digital
converter (ADC) featuring a fully differential wideband
track-and-hold (T/H) input amplifier, driving a low-noise
internal quantizer. The analog input stage accepts single-
ended or differential signals. The MAX12555 is optimized
for high dynamic performance, low power, and small
size. Excellent dynamic performance is maintained from
baseband to input frequencies of 175MHz and beyond,
making the MAX12555 ideal for intermediate-
frequency (IF) sampling applications.
Powered from a single 3.3V supply, the MAX12555 con-
sumes only 497mW while delivering a typical 72.1dB
signal-to-noise ratio (SNR) performance at a 175MHz
input frequency. In addition to low operating power, the
MAX12555 features a 300µW power-down mode to
conserve power during idle periods.
A flexible reference structure allows the MAX12555 to use
the internal 2.048V bandgap reference or accept an
externally applied reference. The reference structure
allows the full-scale analog input range to be adjusted
from ±0.35V to ±1.10V. The MAX12555 provides a com-
mon-mode reference to simplify design and reduce exter-
nal component count in differential analog input circuits.
The MAX12555 supports either a single-ended or differ-
ential input clock. Wide variations in the clock duty
cycle are compensated with the ADC’s internal duty-
cycle equalizer (DCE).
ADC conversion results are available through a 14-bit,
parallel, CMOS-compatible output bus. The digital out-
put format is pin selectable to be either two’s comple-
ment or Gray code. A data-valid indicator eliminates
external components that are normally required for reli-
able digital interfacing. A separate digital power input
accepts a wide 1.7V to 3.6V supply, allowing the
MAX12555 to interface with various logic levels.
The MAX12555 is available in a 6mm x 6mm x 0.8mm,
40-pin thin QFN package with exposed paddle (EP),
and is specified for the extended industrial (-40°C to
+85°C) temperature range.
See the Pin-Compatible Versions table for a complete
family of 14-bit and 12-bit high-speed ADCs.
Applications
IF and Baseband Communication Receivers
Cellular, Point-to-Point Microwave, HFC, WLAN
Medical Imaging Including Positron Emission
Tomography (PET)
Video Imaging
Portable Instrumentation
Low-Power Data Acquisition
Features
♦ Direct IF Sampling Up to 400MHz
♦ Excellent Dynamic Performance
74.2dB/72.1dB SNR at fIN = 3MHz/175MHz
88.4dBc/74.7dBc SFDR at fIN = 3MHz/175MHz
♦ Low Noise Floor: 74.7dBFS
♦ 3.3V Low-Power Operation
465mW (Single-Ended Clock Mode)
497mW (Differential Clock Mode)
300µW (Power-Down Mode)
♦ Fully Differential or Single-Ended Analog Input
♦ Adjustable Full-Scale Analog Input Range
±0.35V to ±1.10V
♦ Common-Mode Reference
♦ CMOS-Compatible Outputs in Two’s Complement
or Gray Code
♦ Data-Valid Indicator Simplifies Digital Interface
♦ Data Out-of-Range Indicator
♦ Miniature, 6mm x 6mm x 0.8mm 40-Pin Thin QFN
Package with Exposed Paddle
♦ Evaluation Kit Available (Order MAX12555EVKIT)
14-Bit, 95Msps, 3.3V ADC
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3447; Rev 0; 10/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART*
PIN-PACKAGE
PKG CODE
MAX12555ETL
40 Thin QFN
T4066-3
MAX12555ETL+
40 Thin QFN
T4066-3
Pin-Compatible Versions
PART
SAMPLING
RATE
(Msps)
RESOLUTION
(BITS)
TARGET
APPLICATION
MAX12555
95
14
IF/Baseband
MAX12554
80
14
IF/Baseband
MAX12553
65
14
IF/Baseband
MAX19538
95
12
IF/Baseband
MAX1209
80
12
IF
MAX1211
65
12
IF
MAX1208
80
12
Baseband
MAX1207
65
12
Baseband
MAX1206
40
12
Baseband
Pin Configuration appears at end of data sheet.
+Denotes lead-free package.
*All devices specified over the -40°C to +85°C operating range.


Similar Part No. - MAX1208

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1208 MAXIM-MAX1208 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
MAX1208 MAXIM-MAX1208 Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1208 MAXIM-MAX1208 Datasheet
1Mb / 27P
   12-Bit, 80Msps, 3.3V ADC
2004
MAX1208ETL MAXIM-MAX1208ETL Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1208ETL MAXIM-MAX1208ETL Datasheet
1Mb / 27P
   12-Bit, 80Msps, 3.3V ADC
2004
More results

Similar Description - MAX1208

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19538 MAXIM-MAX19538 Datasheet
649Kb / 28P
   12-Bit, 95Msps, 3.3V ADC
2004
MAX12553 MAXIM-MAX12553 Datasheet
1Mb / 28P
   14-Bit, 65Msps, 3.3V ADC
Rev 0; 8/04
logo
Linear Technology
LTC2285IUP LINER-LTC2285IUP Datasheet
577Kb / 24P
   Dual 14-Bit, 135Msps Low Power 3.3V ADC
logo
Texas Instruments
THS8083A95 TI-THS8083A95 Datasheet
419Kb / 66P
[Old version datasheet]   TRIPLE 8-BIT, 95MSPS, 3.3V VIDEO AND GRAPHICS
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com