Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC4GH02GNMCA-2SA00 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # MC4GH02GNMCA-2SA00
Description  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC4GH02GNMCA-2SA00 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button MC4GH02GNMCA-2SA00 Datasheet HTML 7Page - Samsung semiconductor MC4GH02GNMCA-2SA00 Datasheet HTML 8Page - Samsung semiconductor MC4GH02GNMCA-2SA00 Datasheet HTML 9Page - Samsung semiconductor MC4GH02GNMCA-2SA00 Datasheet HTML 10Page - Samsung semiconductor MC4GH02GNMCA-2SA00 Datasheet HTML 11Page - Samsung semiconductor MC4GH02GNMCA-2SA00 Datasheet HTML 12Page - Samsung semiconductor MC4GH02GNMCA-2SA00 Datasheet HTML 13Page - Samsung semiconductor MC4GH02GNMCA-2SA00 Datasheet HTML 14Page - Samsung semiconductor MC4GH02GNMCA-2SA00 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
MultiMediaCardTM
11
Sep.22.2005
Revision 0.3
Temperature
operation: -25°C / 85°C
storage:
-40°C (168h) / 85°C (500h)
junction temperature: max. 95°C
Moisture and corrosion
operation: 25°C / 95% rel. humidity
stress:
40°C / 93% rel. hum./500h
salt water spray:
3% NaCl/35C; 24h acc. MIL STD 883 Method 1009
ESD protection
Contact Pads:
+/- 4kV, Human body model according to ANSI EOS/ESD-S5.1-1998
Non Contact Pads area:
+/-8kV (coupling plane discharge)
+/-15kV (air discharge)
Human body model according to IEC61000-4-2
Durability
10.000 mating cycles; test t.b.d.
Bending
t.b.d.
Torque
t.b.d.
Drop test
1.5m free fall
UV light exposure
UV: 200nm, 15Ws/cm² according to ISO 7816-1
Visual inspection
Shape and form
no warpage; no mold skin; complete form; no cavities surface smoothness
sigma-0.1 mm/cm2 within contour; no cracks; no pollution (fat, oil dust, etc.)
Table 4-1 : Environmental Specification Summary
4. Product Specifications
4.1 Reliability and Durability


Similar Part No. - MC4GH02GNMCA-2SA00

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MC4 OHMITE-MC4 Datasheet
408Kb / 2P
   High Voltage 4-Resistor SMD DIP Package
MC4-1003JER OHMITE-MC4-1003JER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
MC4-1004JER OHMITE-MC4-1004JER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
MC4-1005JER OHMITE-MC4-1005JER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
MC4-1006JER OHMITE-MC4-1006JER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
More results

Similar Description - MC4GH02GNMCA-2SA00

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com