Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4953-SCC-SL Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4953-SCC-SL
Description  9.9-12.5Gb/s Optical Modulator Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4953-SCC-SL Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4953-SCC-SL Datasheet HTML 6Page - TriQuint Semiconductor TGA4953-SCC-SL Datasheet HTML 7Page - TriQuint Semiconductor TGA4953-SCC-SL Datasheet HTML 8Page - TriQuint Semiconductor TGA4953-SCC-SL Datasheet HTML 9Page - TriQuint Semiconductor TGA4953-SCC-SL Datasheet HTML 10Page - TriQuint Semiconductor TGA4953-SCC-SL Datasheet HTML 11Page - TriQuint Semiconductor TGA4953-SCC-SL Datasheet HTML 12Page - TriQuint Semiconductor TGA4953-SCC-SL Datasheet HTML 13Page - TriQuint Semiconductor TGA4953-SCC-SL Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TriQuint Semiconductor Texas : (972)994-8465 Fax (972)994-8504 Web: www.triquint.com
Product Datasheet
10
April 11, 2006
Typical Measured Performance on Demonstration Board
10.7Gb/s 2^31-1, Vdd=5V
CPC=50%
Vo=6V
Vo=5V
Vo=4V
Vo=3V
Input Signal Vin=500mV
TGA4953-SCC-SL


Similar Part No. - TGA4953-SCC-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL_15 Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
More results

Similar Description - TGA4953-SCC-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA8652-EPU-SL TRIQUINT-TGA8652-EPU-SL Datasheet
871Kb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL_15 Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953 TRIQUINT-TGA4953 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
   12.5Gb/s Modulator Driver Amplifier
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com