Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4954-SL Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4954-SL
Description  9.9 - 12.5 Gb/s Optical Modulator Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4954-SL Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4954-SL Datasheet HTML 1Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 2Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 3Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 4Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 5Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 6Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 7Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 8Page - TriQuint Semiconductor TGA4954-SL Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
April 4, 2006
1
9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL
Key Features and Performance
Wide Drive Range (3V to 10V)
Single-Ended Input/Output
Low Power Dissipation
(1.1W @ 6Vo)
Low Rail Ripple
25psec Edge Rates (20/80%)
Hot-pluggable
Package Dimensions:
11.4 x 8.9 x 2.0 mm
(0.450 x 0.350 x 0.080 inches)
Primary Applications
Mach-Zehnder Modulator Driver
Product Description
The TriQuint TGA4954-SL is part of a series of
surface mount modulator drivers suitable for a
variety of driver applications and is compatible with
Metro MSA standards.
The 4954 consists of two high performance
wideband amplifiers combined with off chip circuitry
assembled in a surface mount package. A single
4954 placed between the MUX and Optical
Modulator provides OEMs with a board level
modulator driver surface mount solution.
The 4954 provides Metro and Long Haul designers
with system critical features such as: low power
dissipation (1.2W at Vo = 6V), low rail ripple, high
voltage drive capability at 5V bias (6 V amplitude
adjustable to 3 V), low output jitter, and low input
drive sensitivity (250mV at Vo = 6V).
The 4954 requires external DC blocks, a low
frequency choke, and control circuitry.
Evaluation boards available upon request.
Lead Free & RoHS compliant.
Note: This device is early in the characterization process prior to finalizing all electrical test specifications. Specifications are subject to
change without notice.
0
4
8
12
16
20
24
28
32
36
0
5
10
15
20
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
5
10
15
S21
S11
S22
Measured Data
Vdd=5V; Id1=65mA; Id2=115mA; Vctrl1=-0.2V;
Vctrl2=+0.2V
Vout=6Vpp


Similar Part No. - TGA4954-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
More results

Similar Description - TGA4954-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
logo
Vitesse Semiconductor C...
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
   9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA8652-EPU-SL TRIQUINT-TGA8652-EPU-SL Datasheet
871Kb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SCC-SL TRIQUINT-TGA4953-SCC-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953 TRIQUINT-TGA4953 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com