Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922T-ESL Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4922T-ESL
Description  12-Bit DAC with SPI??Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922T-ESL Datasheet(HTML) 3 Page - Microchip Technology

  MCP4922T-ESL Datasheet HTML 1Page - Microchip Technology MCP4922T-ESL Datasheet HTML 2Page - Microchip Technology MCP4922T-ESL Datasheet HTML 3Page - Microchip Technology MCP4922T-ESL Datasheet HTML 4Page - Microchip Technology MCP4922T-ESL Datasheet HTML 5Page - Microchip Technology MCP4922T-ESL Datasheet HTML 6Page - Microchip Technology MCP4922T-ESL Datasheet HTML 7Page - Microchip Technology MCP4922T-ESL Datasheet HTML 8Page - Microchip Technology MCP4922T-ESL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2004 Microchip Technology Inc.
DS21897A-page 3
MCP4921/4922
Output Amplifier
Output Swing
VOUT
0.010
to VDD
– 0.040
Accuracy is better than 1 LSB for
VOUT = 10 mV to (VDD – 40 mV)
Phase Margin
θm
66
degrees
Slew Rate
SR
0.55
V/µs
Short Circuit Current
ISC
—15
24
mA
Settling Time
tsettling
4.5
µs
Within 1/2 LSB of final value from 1/4
to 3/4 full-scale range
Dynamic Performance
DAC-to-DAC Crosstalk
10
nV-s
Note 2
Major Code Transition Glitch
45
nV-s
1 LSB change around major carry
(0111...1111 to 1000...0000)
Digital Feedthrough
10
nV-s
Note 2
Analog Crosstalk
10
nV-s
Note 2
5V AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 5V, AVSS = 0V, VREF = 2.048V, output buffer gain (G) = 2x, RL = 5 kΩ
to GND, CL = 100 pF TA = -40 to +85°C. Typical values at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
By design, not production tested.
2:
Too small to quantify.
3V AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 3V, AVSS = 0V, VREF = 2.048V external, output buffer gain (G) = 1x,
RL = 5 kΩ to GND, CL = 100 pF TA = -40 to +85°C. Typical values at 25°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Input Voltage
VDD
2.7
5.5
Input Current - MCP4921
Input Current - MCP4922
IDD
125
250
250
500
µA
Input unbuffered, digital inputs
grounded, output unloaded,
code at 0x000
Hardware Shutdown Current
ISHDN
—0.25
2
µA
Software Shutdown Current
ISHDN_SW
—2
6
µA
Power-On Reset threshold
VPOR
—2.0
V
DC Accuracy
Resolution
n
12
Bits
INL Error
INL
-12
±3
+12
LSB
DNL
DNL
-0.75
±0.3
+0.75
LSB
Device is Monotonic
Offset Error
VOS
±0.02
1
% of FSR
Code 0x000h
Offset Error Temperature
Coefficient
VOS/°C
0.5
ppm/°C
-45°C to 25°C
-0.77
ppm/°C
+25°C to 85°C
Gain Error
gE
-0.15
1
% of FSR
Code 0xFFFh, not including offset
error.
Gain Error Temperature
Coefficient
G/°C
-3
ppm/°C
Input Amplifier (VREF Input)
Input Range - Buffered Mode
VREF
0.040
VDD-0.040
V
Note 1
Code = 2048,
VREF = 0.2v p-p, f = 100 Hz and 1 kHz
Input Range - Unbuffered
Mode
VREF
0—
VDD
V
Input Impedance
RVREF
165
k
Unbuffered Mode
Note
1:
By design, not production tested.
2:
Too small to quantify.


Similar Part No. - MCP4922T-ESL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4922T-E/MS MICROCHIP-MCP4922T-E/MS Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922T-E/P MICROCHIP-MCP4922T-E/P Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922T-E/P MICROCHIP-MCP4922T-E/P Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4922T-E/SL MICROCHIP-MCP4922T-E/SL Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922T-E/SL MICROCHIP-MCP4922T-E/SL Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
More results

Similar Description - MCP4922T-ESL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5110 MAXIM-MAX5110 Datasheet
47Kb / 2P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 0; 2010-09-24
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
logo
Microchip Technology
MCP4821 MICROCHIP-MCP4821 Datasheet
1Mb / 36P
   12-Bit DACs with Internal VREF and SPI??Interface
2005
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
   16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Analog Devices
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com