Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV12020LAH Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTV12020LAH
Description  16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV12020LAH Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTV12020LAH Datasheet HTML 7Page - Texas Instruments PTV12020LAH Datasheet HTML 8Page - Texas Instruments PTV12020LAH Datasheet HTML 9Page - Texas Instruments PTV12020LAH Datasheet HTML 10Page - Texas Instruments PTV12020LAH Datasheet HTML 11Page - Texas Instruments PTV12020LAH Datasheet HTML 12Page - Texas Instruments PTV12020LAH Datasheet HTML 13Page - Texas Instruments PTV12020LAH Datasheet HTML 14Page - Texas Instruments PTV12020LAH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
Rset + 10 kW
0.8 V
Vout * Vmin
* Rs kW
(1)
PTV12020
10, 11
7
3, 4
GND
GN D
1, 2
GND
VO Sense
VO
VO Adj
VO Sense
VO
CO
330 mF
(Optional)
8
RSET
1%, 0.05W
PTV12020W/L
SLTS231A – NOVEMBER 2004 – REVISED FEBRUARY 2005
For other output voltages, the value of the required resistor can either be calculated or simply selected from the
range of values given in Table 4. Equation 1 may be used for calculating the adjust resistor value. Select the
appropriate value for the parameters, Rs and Vmin, from Table 3.
Table 3. Adjust Formula Parameters
Pt. No.
PTV12020W
PTV12020L
Vmin
1.2 V
0.8 V
Vmax
5.5 V
1.8 V
Rs
1.82 k
7.87 k
(1)
A 0.05-W rated resistor may be used. The tolerance should be 1%, with temperature stability of 100 ppm/
°C (or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pin 8 and pins 1
or 2, using dedicated PCB traces.
(2)
Never connect capacitors from VoAdj to either GND or Vo. Any capacitance added to the VoAdj pin affects the stability
of the regulator.
Figure 11. VO Adjust Resistor Placement
11


Similar Part No. - PTV12020LAH

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTV12020L ARTESYN-PTV12020L Datasheet
244Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTV12020L EMERSON-NETWORKPOWER-PTV12020L Datasheet
244Kb / 5P
   DC-DC CONVERTERS
More results

Similar Description - PTV12020LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com