Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6374AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC6374AF
Description  PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6374AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC6374AF Datasheet HTML 1Page - Toshiba Semiconductor TC6374AF Datasheet HTML 2Page - Toshiba Semiconductor TC6374AF Datasheet HTML 3Page - Toshiba Semiconductor TC6374AF Datasheet HTML 4Page - Toshiba Semiconductor TC6374AF Datasheet HTML 5Page - Toshiba Semiconductor TC6374AF Datasheet HTML 6Page - Toshiba Semiconductor TC6374AF Datasheet HTML 7Page - Toshiba Semiconductor TC6374AF Datasheet HTML 8Page - Toshiba Semiconductor TC6374AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
TC6374AF Hardware Datasheet
Rev. 1.22
02/2/15
TOTAL 125
PAGE NO. 1
TC6374AF (3in1 ATA)
PC Card ATA to SD Memory Card, MultiMediaCard and
SmartMedia™ Controller
1. Outline
TC6374AF is an SD memory card / MultimediaCard / SmartMedia™ controller with PC Card ATA bus
interface. 3 in 1 PC Card ATA adapter card can be easily realized with a firmware-installed NOR flash
memory.
2. Features
・ PC Card ATA controller
Conforms to PC Card ’97 Standard
Conforms to ATA/ATAPI-5 Standard T13 1321
Conforms to SD Card Association “SD Card PC Card Adopter - Media Card Pass Throug”
Supports 8/16 bit access
Power mode: 4 states (Sleep, Standby, Idle, Active)
Supports Auto power down
Supports Windows
® standard ATA driver
・ SD Memory Card controller
Conforms to SD Memory Card “Physical Layer Specification 1.0”
Supports 4 bit MultiMediaCard mode interface
Supports Write protect function
Supports Unique ID Read
・ MultiMediaCard controller
Conforms to MultiMediaCard “System Specification 2.2”
Supports 1 bit MultiMediaCard mode interface
Supports Unique ID Read
・ SmartMedia™ Controller
Conforms to SSFDC Forum “SmartMedia™ Physical Format”
Supports 3.3V 1M - 128M SmartMedia™
Supports 3.3V 4M - 128M MROM
SmartMedia™, MROM automatic recognition function


Similar Part No. - TC6374AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
More results

Similar Description - TC6374AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
logo
ALPS ELECTRIC CO.,LTD.
SCDB ALPS-SCDB Datasheet
136Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
SCDE ALPS-SCDE Datasheet
167Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
logo
Toshiba Semiconductor
TC6387XB TOSHIBA-TC6387XB Datasheet
1Mb / 62P
   SD Memory Card / SDIO Card Controller
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
   SD/MMC Memory Card Controller
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
logo
SONiX Technology Compan...
SN11020F SONIX-SN11020F Datasheet
110Kb / 8P
   USB to ATA/ATAPI/SD/MMC Interface Controller?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com