Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGB2010-EPU-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGB2010-EPU-SM
Description  5GHz - 9GHz Packaged Bessel Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGB2010-EPU-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TGB2010-EPU-SM Datasheet HTML 1Page - TriQuint Semiconductor TGB2010-EPU-SM Datasheet HTML 2Page - TriQuint Semiconductor TGB2010-EPU-SM Datasheet HTML 3Page - TriQuint Semiconductor TGB2010-EPU-SM Datasheet HTML 4Page - TriQuint Semiconductor TGB2010-EPU-SM Datasheet HTML 5Page - TriQuint Semiconductor TGB2010-EPU-SM Datasheet HTML 6Page - TriQuint Semiconductor TGB2010-EPU-SM Datasheet HTML 7Page - TriQuint Semiconductor TGB2010-EPU-SM Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advance Product Information
September 16, 2004
TGB2010-EPU-SM
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
6
Evaluation Board
Input
Output
Note: No external components required.


Similar Part No. - TGB2010-EPU-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010-EPU TRIQUINT-TGB2010-EPU Datasheet
213Kb / 7P
   Bessel Filter
More results

Similar Description - TGB2010-EPU-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010-SM TRIQUINT-TGB2010-SM_15 Datasheet
170Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-SM TRIQUINT-TGB2010-SM Datasheet
170Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-EPU TRIQUINT-TGB2010-EPU Datasheet
213Kb / 7P
   Bessel Filter
logo
Maxim Integrated Produc...
MAX281 MAXIM-MAX281 Datasheet
347Kb / 8P
   Zero-Error, Bessel Lowpass Filter
Rev 0; 5/90
logo
Filtronic Compound Semi...
SL070 FILTRONIC-SL070 Datasheet
29Kb / 2P
   Optical Communications - Matched Bessel Lowpass Filter
logo
KR Electronics, Inc.
2638 KR-2638 Datasheet
47Kb / 2P
   57 MHz Bessel Highpass
logo
United Monolithic Semic...
CHM1481-QFG UMS-CHM1481-QFG_15 Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHA6250-QFG UMS-CHA6250-QFG Datasheet
434Kb / 14P
   5.5-9GHz Power Amplifier
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
logo
Guangdong Kexin Industr...
BFG540 KEXIN-BFG540 Datasheet
786Kb / 8P
   NPN 9GHz Wideband Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com