Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGB2010-60-EPU-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGB2010-60-EPU-SM
Description  5GHz - 9GHz Packaged Bessel Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGB2010-60-EPU-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGB2010-60-EPU-SM Datasheet HTML 1Page - TriQuint Semiconductor TGB2010-60-EPU-SM Datasheet HTML 2Page - TriQuint Semiconductor TGB2010-60-EPU-SM Datasheet HTML 3Page - TriQuint Semiconductor TGB2010-60-EPU-SM Datasheet HTML 4Page - TriQuint Semiconductor TGB2010-60-EPU-SM Datasheet HTML 5Page - TriQuint Semiconductor TGB2010-60-EPU-SM Datasheet HTML 6Page - TriQuint Semiconductor TGB2010-60-EPU-SM Datasheet HTML 7Page - TriQuint Semiconductor TGB2010-60-EPU-SM Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advance Product Information
September 16, 2004
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
1
5GHz - 9GHz Packaged
Bessel Filter
Product Description
The TGB2010 Bessel Filter has low inband
return loss, low group delay variation, and a
smaller package footprint than competing
filters. Insertion loss and group delay for each
filter matches an ideal 3rd order Bessel filter
and is matched to 50 Ohms eliminating the
need for additional components for multiple
reflection management.
A range of 5 to 9 GHz cutoff frequencies in
1GHz steps are available. The TGB2010
series package size is 2mm x 2mm allowing
integration on tightly packed circuit boards.
Evaluation Boards are available.
TGB2010-EPU-SM
Key Features and Performance
5, 6, 6.5, 7.5, 8, 9 GHz and Thru Filters
<
±2.0ps Group Delay to F
o
Typical >15dB Return Loss to Fo
Filter Bandwidth ± 0.5 GHz
Package Dimensions:
2 x 2 x 0.90 mm
Primary Applications
High-Speed Optical Networks
Filter Networks
Preliminary Measured Performance
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
2
4
6
8
10
12
Frequency (GHz)
5 GHz
6 GHz
6.5 GHz
7.5 GHz
9 GHz
8 GHz
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
5 GHz
6 GHz
6.5 GHz
7.5 GHz
9 GHz
8 GHz


Similar Part No. - TGB2010-60-EPU-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010-00-EPU TRIQUINT-TGB2010-00-EPU Datasheet
213Kb / 7P
   Bessel Filter
TGB2010-06-EPU TRIQUINT-TGB2010-06-EPU Datasheet
213Kb / 7P
   Bessel Filter
TGB2010-07-EPU TRIQUINT-TGB2010-07-EPU Datasheet
213Kb / 7P
   Bessel Filter
TGB2010-08-EPU TRIQUINT-TGB2010-08-EPU Datasheet
213Kb / 7P
   Bessel Filter
TGB2010-09-EPU TRIQUINT-TGB2010-09-EPU Datasheet
213Kb / 7P
   Bessel Filter
More results

Similar Description - TGB2010-60-EPU-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010-SM TRIQUINT-TGB2010-SM_15 Datasheet
170Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-SM TRIQUINT-TGB2010-SM Datasheet
170Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-EPU TRIQUINT-TGB2010-EPU Datasheet
213Kb / 7P
   Bessel Filter
logo
Maxim Integrated Produc...
MAX281 MAXIM-MAX281 Datasheet
347Kb / 8P
   Zero-Error, Bessel Lowpass Filter
Rev 0; 5/90
logo
Filtronic Compound Semi...
SL070 FILTRONIC-SL070 Datasheet
29Kb / 2P
   Optical Communications - Matched Bessel Lowpass Filter
logo
KR Electronics, Inc.
2638 KR-2638 Datasheet
47Kb / 2P
   57 MHz Bessel Highpass
logo
United Monolithic Semic...
CHM1481-QFG UMS-CHM1481-QFG_15 Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHA6250-QFG UMS-CHA6250-QFG Datasheet
434Kb / 14P
   5.5-9GHz Power Amplifier
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
logo
Guangdong Kexin Industr...
BFG540 KEXIN-BFG540 Datasheet
786Kb / 8P
   NPN 9GHz Wideband Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com