Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGB2010-11-EPU Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGB2010-11-EPU
Description  Bessel Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGB2010-11-EPU Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TGB2010-11-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGB2010-11-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGB2010-11-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGB2010-11-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGB2010-11-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGB2010-11-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGB2010-11-EPU Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
September 22, 2003
6
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
Assembly Drawing
TGB2010-EPU


Similar Part No. - TGB2010-11-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010-00-EPU-SM TRIQUINT-TGB2010-00-EPU-SM Datasheet
303Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-50-EPU-SM TRIQUINT-TGB2010-50-EPU-SM Datasheet
303Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-60-EPU-SM TRIQUINT-TGB2010-60-EPU-SM Datasheet
303Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-65-EPU-SM TRIQUINT-TGB2010-65-EPU-SM Datasheet
303Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-75-EPU-SM TRIQUINT-TGB2010-75-EPU-SM Datasheet
303Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
More results

Similar Description - TGB2010-11-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010-EPU-SM TRIQUINT-TGB2010-EPU-SM Datasheet
303Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
logo
Maxim Integrated Produc...
MAX281 MAXIM-MAX281 Datasheet
347Kb / 8P
   Zero-Error, Bessel Lowpass Filter
Rev 0; 5/90
logo
TriQuint Semiconductor
TGB2010-SM TRIQUINT-TGB2010-SM_15 Datasheet
170Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-SM TRIQUINT-TGB2010-SM Datasheet
170Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
logo
Filtronic Compound Semi...
SL070 FILTRONIC-SL070 Datasheet
29Kb / 2P
   Optical Communications - Matched Bessel Lowpass Filter
logo
KR Electronics, Inc.
2638 KR-2638 Datasheet
47Kb / 2P
   57 MHz Bessel Highpass
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com