Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF2021-02 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGF2021-02
Description  DC - 12 GHz Discrete power pHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2021-02 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TGF2021-02 Datasheet HTML 1Page - TriQuint Semiconductor TGF2021-02 Datasheet HTML 2Page - TriQuint Semiconductor TGF2021-02 Datasheet HTML 3Page - TriQuint Semiconductor TGF2021-02 Datasheet HTML 4Page - TriQuint Semiconductor TGF2021-02 Datasheet HTML 5Page - TriQuint Semiconductor TGF2021-02 Datasheet HTML 6Page - TriQuint Semiconductor TGF2021-02 Datasheet HTML 7Page - TriQuint Semiconductor TGF2021-02 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Advance Product Information
September 19, 2005
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
8
Reflow process assembly notes:
Use AuSn (80/20) solder with limited exposure to temperatures at or above 300
°C for 30 sec
An alloy station or conveyor furnace with reducing atmosphere should be used.
Do not use flux
Coefficient of thermal expansion matching is critical for long-term reliability.
Devices must be stored in a dry nitrogen atmosphere.
Component placement and adhesive attachment assembly notes:
Vacuum pencils and/or vacuum collets are the preferred method of pick up.
Air bridges must be avoided during placement.
The force impact is critical during auto placement.
Organic attachment can be used in low-power applications.
Curing should be done in a convection oven; proper exhaust is a safety concern.
Microwave or radiant curing should not be used because of differential heating.
Coefficient of thermal expansion matching is critical.
Interconnect process assembly notes:
Thermosonic ball bonding is the preferred interconnect technique.
Force, time, and ultrasonics are critical parameters.
Aluminum wire should not be used.
Devices with small pad sizes should be bonded with 0.0007-inch wire.
Maximum stage temperature is 200
°C.
Assembly Process Notes
TGF2021-02


Similar Part No. - TGF2021-02

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2021-01 TRIQUINT-TGF2021-01 Datasheet
166Kb / 8P
   DC-12 GHz Discrete Power pHEMT
TGF2021-04 TRIQUINT-TGF2021-04 Datasheet
126Kb / 8P
   DC - 12 GHz Discrete power pHEMT
logo
Tyco Electronics
TGF2021-08 MACOM-TGF2021-08 Datasheet
147Kb / 8P
   DC - 12 GHz Discrete power pHEMT
logo
TriQuint Semiconductor
TGF2021-08 TRIQUINT-TGF2021-08 Datasheet
151Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-08 TRIQUINT-TGF2021-08_15 Datasheet
151Kb / 8P
   DC - 12 GHz Discrete power pHEMT
More results

Similar Description - TGF2021-02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TGF2021-08 MACOM-TGF2021-08 Datasheet
147Kb / 8P
   DC - 12 GHz Discrete power pHEMT
logo
TriQuint Semiconductor
TGF2021-04 TRIQUINT-TGF2021-04 Datasheet
126Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-01 TRIQUINT-TGF2021-01 Datasheet
166Kb / 8P
   DC-12 GHz Discrete Power pHEMT
TGF2021-12 TRIQUINT-TGF2021-12 Datasheet
149Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-08 TRIQUINT-TGF2021-08_15 Datasheet
151Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2022-06 TRIQUINT-TGF2022-06 Datasheet
219Kb / 10P
   DC - 20 GHz Discrete power pHEMT
TGF2022-60 TRIQUINT-TGF2022-60 Datasheet
149Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-12 TRIQUINT-TGF2022-12 Datasheet
129Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-48 TRIQUINT-TGF2022-48 Datasheet
146Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-24 TRIQUINT-TGF2022-24 Datasheet
139Kb / 8P
   DC - 20 GHz Discrete power pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com