Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP522 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GP522
Description  GP522 Controller Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP522 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  GP522 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 2Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 3Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 4Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 5Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 6Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 7Page - List of Unclassifed Manufacturers GP522 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
522 - 21 - 02
R7 [GAIN] = 500k
Ω ± 25%
DC referenced to VSS + Vbe, AC = 0, 210mVRMS.
Fig. 2 Production Test Circuit
P
A
T5
2
T
I
B6
2
T
I
B7
2
T
I
B8
2
T
I
B9
2
T
I
B
C
I
R
T
E
M
O
I
T
A
R
)
%
(
E
U
L
A
V
C
I
R
T
E
M
O
I
T
A
R
E
C
N
A
R
E
L
O
T
)
%
±
(
L
A
N
I
M
O
N
P
A
T
E
U
L
A
V
S
T
I
N
U
000000
0
0
.
0
0
1A
/
N0
0
5k
100001
7
9
.
9
87
0
5
4k
200010
3
4
.
1
87
7
0
4k
300011
2
0
.
5
77
5
7
3k
400100
4
3
.
8
67
2
4
3k
500101
8
8
.
0
67
4
0
3k
600110
1
3
.
5
57
7
7
2k
700111
9
2
.
5
47
6
2
2k
801000
0
0
.
5
37
5
7
1k
901001
0
4
.
8
27
2
4
1k
0
1
01010
2
3
.
7
17
6
.
6
8k
1
1
01011
0
6
.
5
17
0
.
8
7k
2
1
01100
7
6
.
80
14
.
3
4k
3
1
01101
0
4
.
60
10
.
2
3k
4
1
01110
0
2
.
40
10
.
1
2k
5
1
01111
0
1
.
32
15
.
5
1k
6
1
10000
1
3
.
24
16
.
1
1k
7
1
10001
0
5
.
11
20
5
.
7k
8
1
10010
6
1
.
12
28
7
.
5k
9
1
10011
3
7
.
02
26
6
.
3k
0
2
10100
6
5
.
02
20
8
.
2k
1
2
10101
2
4
.
02
20
1
.
2k
2
2
10110
2
3
.
02
28
5
.
1k
3
2
10111
A
/
NA
/
NX
A
M
5
1
.
0k
R6A
R1A
R2A
R5A
R4A
R7A
R8A
Programming
Interface
Non-volatile memory
(EEPROM)
R2
R3
R4
R6
R5
R1
R7
69k5
100k
200k
200k
500k
200k
SW
R8
100k
49k5
SDA
GP522
GND
V
BAT
R3A
R6B
SW1
SW2
R4B
R7B
R8B
R3B
R6C
R3C
10
6
4
8
1
21
16
13
11
12
14
15
19
3
9
2
7
5
17
20
All resistors in ohms,
all capacitors in farads,
unless otherwise stated.


Similar Part No. - GP522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP520A ETC-GP520A Datasheet
146Kb / 10P
   Programmable Analog Signal Processor
logo
Gennum Corporation
GP521 GENNUM-GP521 Datasheet
161Kb / 8P
   General Purpose Controller / Memory Chip for Hearing Instruments
More results

Similar Description - GP522

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCL61X5 NPM-PCL61X5 Datasheet
167Kb / 1P
   Controller Chip
logo
Dallas Semiconductor
DS1210 DALLAS-DS1210 Datasheet
69Kb / 6P
   Nonvolatile Controller Chip
logo
Maxim Integrated Produc...
DS1210 MAXIM-DS1210 Datasheet
363Kb / 8P
   Nonvolatile Controller Chip
19-6294; Rev 6/12
logo
Dallas Semiconductor
DS1210 DALLAS-DS1210_03 Datasheet
137Kb / 6P
   Nonvolatile Controller Chip
logo
List of Unclassifed Man...
FT639 ETC1-FT639 Datasheet
60Kb / 7P
   Servo Controller Chip
logo
Sanyo Semicon Device
LC7230-8272 SANYO-LC7230-8272 Datasheet
537Kb / 22P
   Single-chip PLL Controller
LC7232-8291 SANYO-LC7232-8291 Datasheet
865Kb / 35P
   1-Chip PLL Controller
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
   controller area network chip
logo
List of Unclassifed Man...
NAT9914BPL ETC1-NAT9914BPL Datasheet
230Kb / 10P
   IEEE 488.2 Controller Chip
logo
STMicroelectronics
STA2051GO STMICROELECTRONICS-STA2051GO Datasheet
59Kb / 4P
   Single Chip GPS Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com