Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF2022-60 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGF2022-60
Description  DC - 20 GHz Discrete power pHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2022-60 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGF2022-60 Datasheet HTML 1Page - TriQuint Semiconductor TGF2022-60 Datasheet HTML 2Page - TriQuint Semiconductor TGF2022-60 Datasheet HTML 3Page - TriQuint Semiconductor TGF2022-60 Datasheet HTML 4Page - TriQuint Semiconductor TGF2022-60 Datasheet HTML 5Page - TriQuint Semiconductor TGF2022-60 Datasheet HTML 6Page - TriQuint Semiconductor TGF2022-60 Datasheet HTML 7Page - TriQuint Semiconductor TGF2022-60 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advance Product Information
September 19, 2005
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
3
TABLE III
RF CHARACTERIZATION TABLE 1/
(TA = 25 °C, Nominal)
SYMBOL
PARAMETER
f = 10 GHz
f = 18 GHz
UNITS
Vd = 10V
Idq = 448 mA
Vd = 12V
Idq = 448 mA
Vd = 10V
Idq = 448 mA
Vd = 12V
Idq = 448 mA
Power Tuned:
Psat
PAE
Gain
Rp 2/
Cp 2/
Γ
L 3/, 4/
Saturated Output Power
Power Added Efficiency
Power Gain
Parallel Resistance
Parallel Capacitance
Load Reflection
coefficient
38.8
51.6
12.3
3.34
3.812
0.922
∠ 176.3
39.4
50
7.8
4.13
3.607
0.916
∠140.4
37.6
42
12.1
3.41
3.151
0.952
∠176.2
38.1
38
7.6
4.00
3.473
0.955
∠175.9
dBm
%
dB
pF
-
Efficiency
Tuned:
Psat
PAE
Gain
Rp 2/
Cp 2/
Γ
L 3/, 4/
Saturated Output Power
Power Added Efficiency
Power Gain
Parallel Resistance
Parallel Capacitance
Load Reflection
coefficient
37.6
57.0
12.4
6.68
4.425
0.942
∠173.6
39.0
53.8
12.4
6.49
3.947
0.931
∠173.3
37.2
44.0
7.9
4.01
3.566
0.957
∠175.9
37.9
41.0
7.6
4.49
3.736
0.962
∠175.8
dBm
%
dB
pF
-
1/ Values in this table are from measurements taken from a 0.75mm unit pHEMT cell at 10 and 18 GHz
2/ Large signal equivalent pHEMT output network
3/ Optimum load impedance for maximum power or maximum PAE at 10 and 18 GHz
4 The reflection coefficients for this device have been calculated from the scaled large signal Rp & Cp.
The series resistance and inductance (Rd and Ld) shown in the Figure on page 4 is excluded
TABLE IV
THERMAL INFORMATION
Parameter
Test Conditions
TCH
(
oC)
TJC
(
qC/W)
TM
(HRS)
θ
JC
Thermal Resistance
(channel to backside of carrier)
Vd = 12 V
Idq = 448 mA
Pdiss = 8.96 W
146
14.2
1.4E+6
Note: Assumes eutectic attach using 1.5 mil 80/20 AuSn mounted to a 20 mil CuMo
Carrier at 70
°C baseplate temperature.
TGF2022-60


Similar Part No. - TGF2022-60

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2022-06 TRIQUINT-TGF2022-06 Datasheet
219Kb / 10P
   DC - 20 GHz Discrete power pHEMT
TGF2022-12 TRIQUINT-TGF2022-12 Datasheet
129Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-24 TRIQUINT-TGF2022-24 Datasheet
139Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-48 TRIQUINT-TGF2022-48 Datasheet
146Kb / 8P
   DC - 20 GHz Discrete power pHEMT
More results

Similar Description - TGF2022-60

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2022-06 TRIQUINT-TGF2022-06 Datasheet
219Kb / 10P
   DC - 20 GHz Discrete power pHEMT
TGF2022-12 TRIQUINT-TGF2022-12 Datasheet
129Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-48 TRIQUINT-TGF2022-48 Datasheet
146Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-24 TRIQUINT-TGF2022-24 Datasheet
139Kb / 8P
   DC - 20 GHz Discrete power pHEMT
logo
Tyco Electronics
TGF2021-08 MACOM-TGF2021-08 Datasheet
147Kb / 8P
   DC - 12 GHz Discrete power pHEMT
logo
TriQuint Semiconductor
TGF2021-01 TRIQUINT-TGF2021-01 Datasheet
166Kb / 8P
   DC-12 GHz Discrete Power pHEMT
TGF2021-12 TRIQUINT-TGF2021-12 Datasheet
149Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-04 TRIQUINT-TGF2021-04 Datasheet
126Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-08 TRIQUINT-TGF2021-08_15 Datasheet
151Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-02 TRIQUINT-TGF2021-02 Datasheet
125Kb / 8P
   DC - 12 GHz Discrete power pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com