Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL4201-06-EPU Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGL4201-06-EPU
Description  Wideband Fixed Attenuators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL4201-06-EPU Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGL4201-06-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGL4201-06-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGL4201-06-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGL4201-06-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGL4201-06-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGL4201-06-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGL4201-06-EPU Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TriQuint Semiconductor Texas : Phone (972)994 8465 Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
December 3, 2002
1
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice
Wideband Fixed Attenuators
TGL4201-EPU
Key Features and Performance
Fixed 0, 2, 3, 6 and 10dB Attenators
Broadband Response DC to > 40 GHz
Excellent Return Loss > 15 dB
Power Handling > 28 dBm
On-Chip Grounding Vias
3MI Passive Part
Low Price
Small size: 0.5 x 0.5 x 0.1 mm
(0.02 X 0.02 X 0.004 in)
Primary Applications
Point to Point Radio
Fiber Optic
Wideband Military & Space
Test Equipment
Typical Electrical Characteristics
Attenuators Probed in Fixtures
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
1020
3040
50
Frequency (GHz)
2dB
3dB
6dB
10dB
0 dB Attenuator
3 dB Attenuator
2 dB Attenuator
6 dB Attenuator
10 dB Attenuator
2dB
3dB
6dB
10dB


Similar Part No. - TGL4201-06-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL4201 TRIQUINT-TGL4201 Datasheet
443Kb / 7P
   Wideband Fixed Attenuators
logo
Qorvo, Inc
TGL4201 QORVO-TGL4201 Datasheet
443Kb / 7P
   Wideband Fixed Attenuators
logo
TriQuint Semiconductor
TGL4201 TRIQUINT-TGL4201_15 Datasheet
443Kb / 7P
   Wideband Fixed Attenuators
More results

Similar Description - TGL4201-06-EPU

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL4201 QORVO-TGL4201 Datasheet
443Kb / 7P
   Wideband Fixed Attenuators
logo
TriQuint Semiconductor
TGL4201 TRIQUINT-TGL4201_15 Datasheet
443Kb / 7P
   Wideband Fixed Attenuators
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com