Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL12X16B-0CG68M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL12X16B-0CG68M
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL12X16B-0CG68M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL12X16B-0CG68M Datasheet HTML 1Page - List of Unclassifed Manufacturers QL12X16B-0CG68M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL12X16B-0CG68M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL12X16B-0CG68M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL12X16B-0CG68M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL12X16B-0CG68M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL12X16B-0CG68M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL12X16B-0CG68M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL12X16B-0CG68M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
8
Preliminary
8-8
Military 5.0V pASIC 1 Family
Product Summary
The pASIC 1 Family is a very-high-speed CMOS
user-programmable ASIC devices. The 768 logic cell
field-programmable gate array (FPGA) features
22,000 usable PLD gates of high-performance gen-
eral-purpose logic in a 208-pin PQFP and CQFP
package.
Low-impedance, metal-to-metal, ViaLink intercon-
nect technology provides nonvolatile custom logic
capable of operating above 150 MHz. Logic cell
delays under 2 ns, combined with input delays of
under 1.5 ns and output delays under 3 ns, permit
high-density programmable devices to be used with
today’s fastest microprocessors and DSPs.
Designs can be entered using QuickLogic’s Quick-
Works Toolkit or most popular third-party CAE tools.
QuickWorks combines Verilog/VHDL design entry
and simulation tools with device-specific place &
route and programming software. Ample on-chip
routing channels allow fast, fully automatic place and
route of designs using up to 100% of the logic and I/
O cells, while maintaining fixed pin-outs.
Pinout Diagram 68-Pin CPGA
TABLE 2: CPGA 68 Function/Connector Pin Table
PRODUCT SUMMARY
PINOUT DIAGRAM 68-PIN CPGA
PIN
FUNC
PIN
FUNC
PIN
FUNC
PIN
FUNC
B10
IO
B2
IOK2
IOK10
IO
A10
IO
B1
IO
L2
IO
K11
IO
B9
IO
C2
IO
K3
IO
J10
IO
A9
IO
C1
IO
L3
IO
J11
IO
B8
IO
D2
IO
K4
IO
H10
IO
A8
IO
D1
IO
L4
IO
H11
IO
B7
I/(SCLK)
E2
IO
K5
I/(SI)
G10
IO
A7
I/CLK/(SM)
E1
IO
L5
I/CLK
G11
IO
B6
VCC
F2
GND
K6
VCC
F10
GND
A6
I
F1
IO
L6
I
F11
IO
B5
I
G2
IO
K7
I/(SO)
E10
IO
A5
IO
G1
IO
L7
IO
E11
IO
B4
IO
H2
IO
K8
IO
D10
IO
A4
IO
H1
IO
L8
IO
D11
IO
B3
IO
J2
IO
K9
IO
C10
IO
A3
IO
J1
IO
L9
IO
C11
IO
A2
IO
K1
IO
L10
IO
B11
IO


Similar Part No. - QL12X16B-0CG68M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160C ETC1-QL16X24B-0CF160C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160I ETC1-QL16X24B-0CF160I Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160M ETC1-QL16X24B-0CF160M Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160M/883C ETC1-QL16X24B-0CF160M/883C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
More results

Similar Description - QL12X16B-0CG68M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com