Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL16X24B-CG144M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QL16X24B-CG144M
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL16X24B-CG144M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QL16X24B-CG144M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL16X24B-CG144M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL16X24B-CG144M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL16X24B-CG144M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL16X24B-CG144M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL16X24B-CG144M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL16X24B-CG144M Datasheet HTML 10Page - List of Unclassifed Manufacturers QL16X24B-CG144M Datasheet HTML 11Page - List of Unclassifed Manufacturers QL16X24B-CG144M Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
14
Preliminary
8-14
Military 5.0V pASIC 1 Family
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................-0.5 to 7.0V
Input Voltage................ -0.5 to VCC +0.5V
ESD Pad Protection
.................... ±2000V
DC Input Current
.......................±20 mA
Latch-up Immunity
.................. ±200 mA
Storage Temperature .......-65
°C to +150°C
Lead Temperature ...........................300
°C
5 Volt OPERATING RANGE
DC CHARACTERISTICS over 5V operating range
Notes:
[1] Capacitance is sample tested only. CI = 20 pF max on I/(SI).
[2] Only one output at a time. Duration should not exceed 30 seconds.
[3] Maximum Icc for military grade is 20 mA. For AC conditions use the formula described in the databook,
Section 9 - Power vs Operating Frequency.
[4] Stated timing for worst case Propagation Delay over process variation at VCC = 5.0V and TA = 25
°C. Mul-
tiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as specified in the
Operating Range.
[5] These limits are derived from a representative selection of the slowest paths through the pASIC logic cell
including net delays. Worst case delay values for specific paths should be determined from timing analysis
of your particular design.
Symbol
Parameter
Military
Unit
Min
Max
VCC
Supply Voltage
4.5
5.5
V
TA
Ambient Temperature
-55
°C
TC
Case Temperature
125
°C
K
Delay Factor
-0 Speed Grade
0.39
1.82
-1 Speed Grade
0.39
1.56
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IOH = -4 mA
3.7
V
VOH
Output HIGH Voltage
IOH = 16 mA
2.4
V
IOH = -10
µA
VCC-0.1
V
VOL
Output LOW Voltage
IOL = 8 mA
0.4
V
IOL = 10
µA
0.1
V
II
Input Leakage Current
VI = VCC or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCC or GND
-10
10
µA
CI
Input Capacitance [1]
10
pF
IOS
Output Short Circuit Current [2]
VO = GND
-10
-90
mA
VO = VCC
40
160
mA
ICC
D.C. Supply Current [3]
VI, VIO = VCC or GND
20
mA


Similar Part No. - QL16X24B-CG144M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B-CG144M ETC1-QL16X24B-CG144M Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-CG144M/883C ETC1-QL16X24B-CG144M/883C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
More results

Similar Description - QL16X24B-CG144M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com