Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21SG Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # BAS21SG
Description  High voltage switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAS21SG Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BAS21SG Datasheet HTML 1Page - Cystech Electonics Corp. BAS21SG Datasheet HTML 2Page - Cystech Electonics Corp. BAS21SG Datasheet HTML 3Page - Cystech Electonics Corp. BAS21SG Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C335SG
Issued Date : 2003.06.10
Revised Date :
Page No. : 4/4
BAS21SG
CYStek Product Specification
SOD-323 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0630
0.0709
1.60
1.80
E
0.0060
-
0.15
-
B
0.0453
0.0531
1.15
1.35
H
0.0000
0.0040
0.00
0.10
C
0.0315
0.0394
0.80
1.00
J
0.0035
0.0070
0.089
0.177
D
0.0098
0.0157
0.25
0.40
K
0.0906
0.1063
2.30
2.70
Notes: 1.Controlling dimension : millimeters.
2.Lead thickness specified per L/F drawing with solder plating.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
D
A
H
J
K
C
E
B
1
2
Style: Pin 1.Cathode 2.Anode
2-Lead SOD-323 Plastic
Surface Mounted Package
CYStek Package Code: SG
Marking:
5 H
JS


Similar Part No. - BAS21SG

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21S WEITRON-BAS21S Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
Nanjing International G...
BAS21S DGNJDZ-BAS21S Datasheet
4Mb / 2P
   Fast Switching Speed
logo
Pan Jit International I...
BAS21S PANJIT-BAS21S Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Jiangsu Changjiang Elec...
BAS21S JIANGSU-BAS21S Datasheet
703Kb / 4P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
BAS21S BILIN-BAS21S Datasheet
177Kb / 3P
   Surface mount switching diode
More results

Similar Description - BAS21SG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com