Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA1015A3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTA1015A3
Description  General Purpose PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1015A3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTA1015A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1015A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1015A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1015A3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C306A3-T
Issued Date : 2003.08.26
Revised Date :
Page No. : 2/4
BTA1015A3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCEO
-50
-
-
V
IC=-1mA
ICBO
-
-
-0.1
µA
VCB=-50V
IEBO
-
-
-0.1
µA
VEB=-5V
*VCE(sat)
-
-
-0.3
V
IC=-100mA, IB=-10mA
*VBE(sat)
-
-
-1.1
V
IC=-100mA, IB=-10mA
hFE 1
70
-
400
-
VCE=-6V, IC=-2mA
hFE 2
25
80
VCE=-6V, IC=-150mA
fT
80
-
-
MHz
VCE=-10V, IC=-1mA
Cob
-
-
7
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE 1
Rank
O
Y
GR
Range
70~140
120~240
200~400


Similar Part No. - BTA1015A3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA1012E3 CYSTEKEC-BTA1012E3 Datasheet
148Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1013K3 CYSTEKEC-BTA1013K3 Datasheet
300Kb / 7P
   PNP Epitaxial Planar Transistor
More results

Similar Description - BTA1015A3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com