Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL12X16B-0CG68M883C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QL12X16B-0CG68M883C
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL12X16B-0CG68M883C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL12X16B-0CG68M883C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL12X16B-0CG68M883C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL12X16B-0CG68M883C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL12X16B-0CG68M883C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL12X16B-0CG68M883C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL12X16B-0CG68M883C Datasheet HTML 10Page - List of Unclassifed Manufacturers QL12X16B-0CG68M883C Datasheet HTML 11Page - List of Unclassifed Manufacturers QL12X16B-0CG68M883C Datasheet HTML 12Page - List of Unclassifed Manufacturers QL12X16B-0CG68M883C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8-15
Military 5.0V pASIC 1 Family
QL8X12B
AC CHARACTERISTICS at VCC = 5V, TA = 25
°C (K = 1.00)
Logic Cell
Input Cells
Output Cell
Notes:
[6] See High Drive Buffer Table for more information.
[7] Clock buffer fanout refers to the maximum number of flip flops per half column. The number of half
columns used does not affect clock buffer delay.
[8] The following loads are used for tPXZ:
QL8X12B
Propagation Delays (ns)
Symbol
Parameter
Fanout
12348
tPD
Combinatorial Delay [5]
1.7
2.1
2.6
3.0
4.8
tSU
Setup Time [5]
2.1
2.1
2.1
2.1
2.1
tH
Hold Time
0.0
0.0
0.0
0.0
0.0
tCLK
Clock to Q Delay
1.0
1.5
1.9
2.3
4.2
tCWHI
Clock High Time
2.0
2.0
2.0
2.0
2.0
tCWLO
Clock Low Time
2.0
2.0
2.0
2.0
2.0
tSET
Set Delay
1.7
2.1
2.6
3.0
4.8
tRESET
Reset Delay
1.5
1.8
2.2
2.5
3.9
tSW
Set Width
1.9
1.9
1.9
1.9
1.9
tRW
Reset Width
1.8
1.8
1.8
1.8
1.8
Symbol
Parameter
Propagation Delays (ns) [4]
12346
8
tIN
High Drive Input Delay [6]
2.1
2.2
2.3
2.4
2.6
2.9
tINI
High Drive Input, Inverting Delay [6]
2.1
2.2
2.3
2.5
2.8
3.1
tIO
Input Delay (bidirectional pad)
1.4
1.8
2.2
2.6
3.4
4.2
tGCK
Clock Buffer Delay [7]
2.7
2.7
2.8
2.9
3.0
tGCKHI
Clock Buffer Min High [7]
2.0
2.0
2.0
2.0
2.0
tGCKLO
Clock Buffer Min Low [7]
2.0
2.0
2.0
2.0
2.0
Propagation Delays (ns) [4]
Symbol
Parameter
Output Load Capacitance (pF)
30
50
75
100
150
tOUTLH
Output Delay Low to High
2.7
3.4
4.2
5.0
6.7
tOUTHL
Output Delay High to Low
2.8
3.7
4.7
5.6
7.6
tPZH
Output Delay Tri-state to High
4.0
4.9
6.1
7.3
9.7
tPZL
Output Delay Tri-state to Low
3.6
4.2
5.0
5.8
7.3
tPHZ
Output Delay High to Tri-state [8]
2.9
tPLZ
Output Delay Low to Tri-state [8]
3.3


Similar Part No. - QL12X16B-0CG68M883C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160C ETC1-QL16X24B-0CF160C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160I ETC1-QL16X24B-0CF160I Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160M ETC1-QL16X24B-0CF160M Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160M/883C ETC1-QL16X24B-0CF160M/883C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
More results

Similar Description - QL12X16B-0CG68M883C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com